Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74LCX373 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part No. 74LCX373
Description  Low Voltage Octal Transparent Latch with 5V Tolerant Inputs and Outputs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCX373 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  74LCX373 Datasheet HTML 1Page - Fairchild Semiconductor 74LCX373 Datasheet HTML 2Page - Fairchild Semiconductor 74LCX373 Datasheet HTML 3Page - Fairchild Semiconductor 74LCX373 Datasheet HTML 4Page - Fairchild Semiconductor 74LCX373 Datasheet HTML 5Page - Fairchild Semiconductor 74LCX373 Datasheet HTML 6Page - Fairchild Semiconductor 74LCX373 Datasheet HTML 7Page - Fairchild Semiconductor 74LCX373 Datasheet HTML 8Page - Fairchild Semiconductor 74LCX373 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
www.fairchildsemi.com
74LCX373 Rev. 2.0.0
Absolute Maximum Ratings
The Absolute Maximum Ratings are those values beyond which the safety of the device cannot be guaranteed. The
device should not be operated at these limits. The parametric values defined in the Electrical Characteristics tables are
not guaranteed at the Absolute Maximum Ratings. The “Recommended Operating Conditions” table will define the
conditions for actual device operation.
Recommended Operating Conditions5
Notes:
4.
IO Absolute Maximum Rating must be observed.
5.
Unused inputs must be held HIGH or LOW. They may not float.
Symbol
Parameter
Conditions
Value
Units
VCC
Supply Voltage
−0.5 to +7.0
V
VI
DC Input Voltage
−0.5 to +7.0
V
VO
DC Output Voltage
Output in 3-STATE
−0.5 to +7.0
V
Output in HIGH or LOW State4
−0.5 to V
CC + 0.5
IIK
DC Input Diode Current
VI < GND
−50
mA
IOK
DC Output Diode Current
VO < GND
−50
mA
VO > VCC
+50
IO
DC Output Source/Sink Current
±50
mA
ICC
DC Supply Current per Supply Pin
±100
mA
IGND
DC Ground Current per Ground Pin
±100
mA
TSTG
Storage Temperature
−65 to +150
°C
Symbol
Parameter
Conditions
Min.
Max.
Units
VCC
Supply Voltage
Operating
2.0
3.6
V
Data Retention
1.5
3.6
VI
Input Voltage
0
5.5
V
VO
Output Voltage
HIGH or LOW State
0
VCC
V
3-STATE
0
5.5
IOH / IOL
Output Current
VCC = 3.0V − 3.6V
±24
mA
VCC = 2.7V − 3.0V
±12
VCC = 2.3V − 2.7V
±8
TA
Free-Air Operating Temperature
−40
85
°C
∆t/∆V
Input Edge Rate
VIN = 0.8V − 2.0V, VCC = 3.0V
0
10
ns /V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn