Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74LCX32374 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. 74LCX32374
Description  Low Voltage 32-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs Preliminary
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCX32374 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74LCX32374 Datasheet HTML 1Page - Fairchild Semiconductor 74LCX32374 Datasheet HTML 2Page - Fairchild Semiconductor 74LCX32374 Datasheet HTML 3Page - Fairchild Semiconductor 74LCX32374 Datasheet HTML 4Page - Fairchild Semiconductor 74LCX32374 Datasheet HTML 5Page - Fairchild Semiconductor 74LCX32374 Datasheet HTML 6Page - Fairchild Semiconductor 74LCX32374 Datasheet HTML 7Page - Fairchild Semiconductor 74LCX32374 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Preliminary
© 2001 Fairchild Semiconductor Corporation
DS500427
www.fairchildsemi.com
January 2001
Revised August 2001
74LCX32374
Low Voltage 32-Bit D-Type Flip-Flop
with 5V Tolerant Inputs and Outputs (Preliminary)
General Description
The LCX32374 contains thirty-two non-inverting D-type
flip-flops with 3-STATE outputs and is intended for bus ori-
ented applications. The device is byte controlled. A buff-
ered clock (CP) and Output Enable (OE) are common to
each byte and can be shorted together for full 32-bit opera-
tion.
The LCX32374 is designed for low voltage (2.5V or 3.3V)
VCC applications with capability of interfacing to a 5V signal
environment.
The LCX32374 is fabricated with an advanced CMOS tech-
nology to achieve high speed operation while maintaining
CMOS low power dissipation.
Features
I 5V tolerant inputs and outputs
I 2.3V–3.6V VCC specifications provided
I 6.2 ns tPD max (VCC = 3.3V), 20 µA ICC max
I Power down high impedance inputs and outputs
I Supports live insertion/withdrawal (Note 1)
I ±24 mA output drive (VCC = 3.0V)
I Uses patented noise/EMI reduction circuitry
I Latch-up performance exceeds 500 mA
I ESD performance:
Human body model
> 2000V
Machine model
> 200V
I Packaged in plastic Fine-Pitch Ball Grid Array (FBGA)
(Preliminary)
Note 1: To ensure the high-impedance state during power up or down, OE
should be tied to VCC through a pull-up resistor: the minimum value or the
resistor is determined by the current-sourcing capability of the driver.
Ordering Code:
Note 2: BGA device available in Tape and Reel only.
Logic Symbol
Order Number
Package Number
Package Description
74LCX32374GX
(Note 2)
BGA96A
(Preliminary)
96-Ball Fine-Pitch Ball Grid Array (FBGA), JEDEC MO-205, 5.5mm Wide
[Tape and Reel]


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn