Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74LCX27 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part No. 74LCX27
Description  Low Voltage Triple 3-Input NOR Gate with 5V Tolerant Inputs
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCX27 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  74LCX27 Datasheet HTML 1Page - Fairchild Semiconductor 74LCX27 Datasheet HTML 2Page - Fairchild Semiconductor 74LCX27 Datasheet HTML 3Page - Fairchild Semiconductor 74LCX27 Datasheet HTML 4Page - Fairchild Semiconductor 74LCX27 Datasheet HTML 5Page - Fairchild Semiconductor 74LCX27 Datasheet HTML 6Page - Fairchild Semiconductor 74LCX27 Datasheet HTML 7Page - Fairchild Semiconductor 74LCX27 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.fairchildsemi.com
4
AC LOADING and WAVEFORMS Generic for LCX Family
FIGURE 1. AC Test Circuit (CL includes probe and jig capacitance)
Waveform for Inverting and Non-Inverting Functions
Propagation Delay. Pulse Width and trec Waveforms
3-STATE Output Low Enable and
Disable Times for Logic
3-STATE Output High Enable and
Disable Times for Logic
Setup Time, Hold Time and Recovery Time for Logic
trise and tfall
FIGURE 2. Waveforms
(Input Characteristics; f =1MHz, tr = tf = 3ns)
Test
Switch
tPLH, tPHL
Open
tPZL, tPLZ
6V at VCC = 3.3 ± 0.3V
VCC x 2 at VCC = 2.5 ± 0.2V
tPZH,tPHZ
GND
Symbol
VCC
3.3V
± 0.3V
2.7V
2.5V
± 0.2V
Vmi
1.5V
1.5V
VCC/2
Vmo
1.5V
1.5V
VCC/2
Vx
VOL + 0.3V
VOL + 0.3V
VOL + 0.15V
Vy
VOH − 0.3V
VOH − 0.3V
VOH − 0.15V


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn