Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PFM-530I Datasheet(PDF) 1 Page - AAEON Technology

Part # PFM-530I
Description  Onboard STPC짰 Atlas SoC
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

PFM-530I Datasheet(HTML) 1 Page - AAEON Technology

  PFM-530I Datasheet HTML 1Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
01
02
03
04
05
06
07
08
09
10
11
Computing Platform Service Partner
Logo must with
Logo must with
AAEON Blue: PANTONE DS 206-1C
AAEON Red: C=15, M=90, Y=70, K=10
Font of Slogan: Century Cothic with Bold Italic
Note: All specifications are subject to change without notice.
04-4
Features
Specifications
9681533000or9681533001
CableKit
1701440500 44-pin IDE Cable x 1
1701340703 Floppy Disk Drive Cable x 1
1701260201 Parallel Port Cable x 1
1700060150 Keyboard/Mouse Cable x 1
1701400205 Serial Port Cable x 1
1701160201 VGA Cable x 1
1709100201 USB Cable x 1
1701090200 RS-422/485 Cable x 1
(Ethernet RJ-45 Connector Conversion Cable
Only For 9681533001)
QuickInstallationGuide
UtilityCD
PFM-530I
Packing List
TF-PFM-530I-A10
PC/104 Board, STPC®-A, LCD, 64MB, 4 COM, USB, CF, PC/104, AT, Rev. A1.0
TF-PFM-530I-A10-02
PC/104 Board, STPC®-A, LCD, 64MB, LAN, 4 COM, USB, CF, PC/104, AT, Rev. A1.0
TF-PFM-530I-A10-WT01
PFM-530I-A10 with WiTAS I (-25ºC~80ºC)
TF-PFM-530I-A10-02-WT01
PFM-530I-A10-02 with WiTAS I (-25ºC~80ºC)
Ordering Information
STPC® Atlas SoC
System
Form Factor
PC/104
Processor
Onboard STPC® Atlas SoC 133MHz
System Memory
Onboard 64MB SDRAM
Chipset
STPC® Atlas
I/O Chipset
Winbond W83977
Ethernet
ADMtek AN983B, 10/100Base-TX, 5 x 2 pin header x 1
BIOS
AWARD 256KB FLASH ROM
Watchdog Timer
Generates a time-out system reset
Solid Storage Disk
Type I CompactFlash™ slot x 1
Expansion Interface
PC/104 socket x 1
Battery
Lithium battery
Power Requirement
+5V/AT
Power Consumption
(Typical)
STPC®-DX2 133MHz, Onboard SDRAM 32MB
0.7 A@5V
Board Size
3.55” (L) x 3.775” (W) (90 mm x 96 mm)
Gross Weight
0.23 lb (0.10 kg)
Operating Temperature
32˚F~ 140˚F (0˚C ~ 60˚C)
-13˚F ~ 176˚F (-25˚C ~ 80˚C) (Optional)
Storage Temperature
-40ºF~176ºF (-40ºC~80ºC)
Operating Humidity
0% ~ 90% relative humidity, non-condensing
MTBF (Hours)
99,513
Display
Chipset
STPC® Atlas
Memory
Shared system memory up to 4MB with DVMT
Resolutions
Up to 1024 x 768 @ 24bpp colors for CRT
Up to 800 x 600 @ 18bpp colors for LCD
LCD Interface
18-bit TTL TFT LCD
I/O
MIO
EIDE x 1, Floppy Disk Drive x 1, Keyboard + Mouse x 1,
RS-232 x 3, RS-232/422/485 x 1, Parallel x 1
IrDA
One IrDA Tx/Rx header
USB
One 5x2 pin header supports 2 USB1.1 ports
Digital I/O
Supports 16-bit (programmable)
44-pin IDE Connector
TTL LCD Pin Header
PC/104 Socket
COM Port Pin Header
Power Input Connector
Keyboard & Mouse Pin
Header
Ethernet Pin Header
Printer Port Pin Header
USB Pin Header
Floppy Disk Drive
Connector
CFD Slot (Back)
CRT Pin Header
PFM-530I (PCM-5330)
OnboardSTPC®AtlasSoC
18-bitTTLTFTLCD
SupportsTypeICompactFlash™
COMPortx4/USBPortx2/DigitalI/OPortx1
+5VOnlyOperation


Similar Part No. - PFM-530I

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
PFM-533I-B10-Q01 AAEON-PFM-533I-B10-Q01 Datasheet
1Mb / 1P
   AMD Geode GX1 Processor
PFM-535I AAEON-PFM-535I Datasheet
1Mb / 1P
   AMD Geode GX1 Processor
PFM-535I-B10 AAEON-PFM-535I-B10 Datasheet
1Mb / 1P
   AMD Geode GX1 Processor
PFM-535S AAEON-PFM-535S Datasheet
252Kb / 2P
   PC/104 Module With DM&P Vortex86SX/Vortex86DX SoC Processor
More results

Similar Description - PFM-530I

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
HSB-440I AAEON-HSB-440I Datasheet
734Kb / 2P
   Onboard STPC짰 Atlas System-on-Chip
logo
PEAK electronics GmbH
DCA55T PEAK-DCA55T Datasheet
309Kb / 26P
   PEAK ATLAS DCA SEMICONDUCTOR COMPONENT ANALYSER
logo
AAEON Technology
EMB-QM87A AAEON-EMB-QM87A Datasheet
385Kb / 2P
   onboard intel
BOXER-6357VS AAEON-BOXER-6357VS Datasheet
372Kb / 2P
   onboard intel
GENE-QM77_13 AAEON-GENE-QM77_13_15 Datasheet
267Kb / 2P
   SubCompact with Onboard
logo
BCM Advanced Research.
BI125-3455J BCM-BI125-3455J Datasheet
376Kb / 2P
   Compact Industrial Box Computer with Intel® Celeron J3455 Quad Core SoC Processor and 32GB eMMC Onboard
2022/01/24
logo
Abracon Corporation
PRO-EB-472 ABRACON-PRO-EB-472 Datasheet
617Kb / 9P
   OnBoard 868 MHz - EVB
logo
PMC-Sierra, Inc
PM7325 PMC-PM7325 Datasheet
2Mb / 2P
   S/UNI-ATLAS-3200 Telecom Standard Product Data Sheet Preliminary
logo
Abracon Corporation
PRO-EB-476 ABRACON-PRO-EB-476 Datasheet
626Kb / 9P
   OnBoard 915 MHz - EVB
logo
List of Unclassifed Man...
BK3231S ETC2-BK3231S Datasheet
407Kb / 24P
   Bluetooth SoC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com