Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATXMEGA128A4U-AU Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATXMEGA128A4U-AU
Description  8/16-bit Atmel XMEGA A4U Microcontroller
Download  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATXMEGA128A4U-AU Datasheet(HTML) 2 Page - ATMEL Corporation

  ATXMEGA128A4U-AU Datasheet HTML 1Page - ATMEL Corporation ATXMEGA128A4U-AU Datasheet HTML 2Page - ATMEL Corporation ATXMEGA128A4U-AU Datasheet HTML 3Page - ATMEL Corporation ATXMEGA128A4U-AU Datasheet HTML 4Page - ATMEL Corporation ATXMEGA128A4U-AU Datasheet HTML 5Page - ATMEL Corporation ATXMEGA128A4U-AU Datasheet HTML 6Page - ATMEL Corporation ATXMEGA128A4U-AU Datasheet HTML 7Page - ATMEL Corporation ATXMEGA128A4U-AU Datasheet HTML 8Page - ATMEL Corporation ATXMEGA128A4U-AU Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 121 page
background image
2
8387A–AVR–07/11
XMEGA A4U
1.
Ordering Information
Notes:
1. This device can also be supplied in wafer form. Please contact your local Atmel sales office for detailed ordering information.
2. Pb-free packaging, complies to the European Directive for Restriction of Hazardous Substances (RoHS directive). Also
Halide free and fully Green.
3. For packaging information see ”Packaging information” on page 61.
Ordering Code
Flash (Bytes)
EEPROM (Bytes) SRAM (Bytes)
Speed (MHz)
Power Supply
Package(1)(2)(3)
Temp
ATxmega128A4U-AU
128K + 8K
2K
8K
32
1.6 - 3.6V
44A
-40
°C - 85°C
ATxmega64A4U-AU
64K + 4K
2K
4K
ATxmega32A4U-AU
32K + 4K
1K
4K
ATxmega16A4U-AU
16K + 4K
1K
2K
ATxmega128A4U-MH
128K + 8K
2K
8K
44M1
ATxmega64A4U-MH
64K + 4K
2K
4K
ATxmega32A4U-MH
32K + 4K
1K
4K
ATxmega16A4U-MH
16K + 4K
1K
2K
ATxmega128A4U-CU
128K + 8K
2K
8K
49C2
ATxmega64A4U-CU
64K + 4K
2K
4K
ATxmega32A4U-CU
32K + 4K
1K
4K
ATxmega16A4U-CU
16K + 4K
1K
2K
Package Type
44A
44-Lead, 10 x 10mm Body Size, 1.0mm Body Thickness, 0.8mm Lead Pitch, Thin Profile Plastic Quad Flat Package (TQFP)
44M1
44-Pad, 7x7x1mm Body, Lead Pitch 0.50mm, 5.20mm Exposed Pad, Thermally Enhanced Plastic Very Thin Quad No Lead Package (VQFN)
49C2
49-Ball (7 x 7 Array), 0.65mm Pitch, 5.0 x 5.0 x 1.0mm, Very Thin, Fine-Pitch Ball Grid Array Package (VFBGA)


Similar Part No. - ATXMEGA128A4U-AU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATXMEGA128A4 ATMEL-ATXMEGA128A4 Datasheet
806Kb / 69P
   8/16-bit XMEGA A4 Microcontroller
ATXMEGA128A4 ATMEL-ATXMEGA128A4 Datasheet
937Kb / 74P
   8/16-bit XMEGA A1 Microcontroller
ATxmega128A4 ATMEL-ATxmega128A4 Datasheet
3Mb / 104P
   8/16-bit XMEGA A4 Microcontroller
ATxmega128A4 ATMEL-ATxmega128A4 Datasheet
3Mb / 107P
   8/16-bit XMEGA A4 Microcontroller
ATXMEGA128A4 ATMEL-ATXMEGA128A4 Datasheet
3Mb / 108P
   8/16-bit XMEGA A4 Microcontroller
More results

Similar Description - ATXMEGA128A4U-AU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATXMEGA64B1 ATMEL-ATXMEGA64B1_14 Datasheet
6Mb / 142P
   8/16-bit Atmel XMEGA B1 Microcontroller
ATXMEGA128B1 ATMEL-ATXMEGA128B1 Datasheet
6Mb / 138P
   8/16-bit Atmel XMEGA B1 Microcontroller
ATXMEGA384C3 ATMEL-ATXMEGA384C3_14 Datasheet
5Mb / 125P
   8/16-bit Atmel XMEGA C3 Microcontroller
ATXMEGA256A3U ATMEL-ATXMEGA256A3U Datasheet
3Mb / 116P
   8/16-bit Atmel XMEGA A3U Microcontroller
ATXMEGA384C3 ATMEL-ATXMEGA384C3 Datasheet
9Mb / 126P
   8/16-bit Atmel XMEGA C3 Microcontroller
ATXMEGA128B1 ATMEL-ATXMEGA128B1_14 Datasheet
6Mb / 142P
   8/16-bit Atmel XMEGA B1 Microcontroller
ATXMEGA64D3 ATMEL-ATXMEGA64D3_14 Datasheet
3Mb / 86P
   8/16-bit Atmel AVR XMEGA D3 Microcontroller
ATXMEGA256A3BU ATMEL-ATXMEGA256A3BU Datasheet
4Mb / 143P
   8/16-bit Atmel XMEGA A3BUMicrocontroller
ATXMEGA256A3BU ATMEL-ATXMEGA256A3BU_14 Datasheet
5Mb / 143P
   8/16-bit Atmel XMEGA A3BUMicrocontroller
ATXMEGA8E5 ATMEL-ATXMEGA8E5_14 Datasheet
2Mb / 147P
   8/16-bit Atmel AVR XMEGA Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com