Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPIC-8526 Datasheet(PDF) 1 Page - AAEON Technology

Part # EPIC-8526
Description  Intel짰 Embedded Pentium짰 M/ Celeron짰 M Processors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

EPIC-8526 Datasheet(HTML) 1 Page - AAEON Technology

  EPIC-8526 Datasheet HTML 1Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
03-4
Features
Specifications
9681945600
Cable Kit for EPIC-8526
9681945600 Cable Kit
1701440500 IDE Cable, length 30+20cm
1700060152 Keyboard/Mouse Cable, length
15cm
9657666600
Jumper Cap
CoolerorHeatsink
QuickInstallationGuide
UtilityCD
EPIC-8526
Packing List
Ordering Information
Optional Accessories
TF-EPIC-8526-A10(Fanless)
EPIC, ULV Celeron® M 600 MHz, LCD-DVI-TV, DDR, LAN, Audio, 5COM, USB2.0, CompactFlash™,
PC/104+, Rev. A1.0
TF-EPIC-8526-A10-01(Fanless)
EPIC, ULV Celeron® M 1.0 GHz, LCD-DVI-TV, DDR, LAN, Audio, 5COM, USB2.0, CompactFlash™,
PC/104+, Rev. A1.0
TF-EPIC-8526-A10-02
EPIC, Celeron® M 1.5 GHz, LCD-DVI-TV, DDR, LAN, Audio, 5COM, USB2.0, CompactFlash™, PC/104+,
Rev. A1.0
TF-EPIC-8526-A10-03
EPIC, Socket-478M, LCD-DVI-TV, DDR, LAN, Audio, 5COM, USB2.0, CompactFlash™, PC/104+, Rev.
A1.0
TF-PCM-5600
PC/104 56K Fax/Modem Module
TF-PCM-3660B
PC/104 Ethernet Module
PCM-3794-A10
PCI-104 Board Plus 2 PCMCIA Module
TF-PCM-FA00-A10
PC/104 Board Plus to Mini-PCI Module
Converter
1702040151
Power Cable, Big 4P TO ATX-12V, Length 15cm
1701100206
COM Port Cable, 9P DB Male, Length 20cm
1700080180
TV-Out Cable, Length 18cm
1703030102
Audio Cable, Audio Jack, length 10cm
1702040109
Power Output Cable, Length 10cm
1709100208
USB Cable w/o Bracket, Length 20cm
1701260308
LPT Cable, Length 30cm

EPIC Board With Socket-478M Intel® Pentium® M And Onboard Pentium® M/ Celeron® M Processors

Intel® Embedded Pentium® M/ Celeron® M Processors

Intel® 852GM + ICH4

SODIMM DDR 266 Max. 1 GB

10/100Base-TX Ethernet x 2 (Optional Gigabit LAN x 1)

Up to 24-bit Dual-channel LVDS, CRT, TV-out, DVI

AC97 2.0 CODEC 2CH Audio

Type II CompactFlash™ x 1, EIDE x 1

Parallel x 1, COM x 5, USB2.0 x 6, 8-bit Digital I/O

PC/104+

+12V Only Operation
System
Form Factor
EPIC
Processor
Socket-478M based Intel® Pentium® M Processor and onboard Pentium®
M / Celeron® M up to 2.0 GHz with FSB 400 MHz
System Memory
200 pin DDR SODIMM x 1, Max. 1 GB (DDR 266)
Chipset
Intel® 852GM+ICH4
I/O Chipset
ITE8712F-A/IX + Fintek F81216DG
Ethernet
Realtek 8100C, 10/100Base-TX, RJ-45 x 2, (Optional RTL 8110S Gigabit
LAN)
BIOS
Award Plug & Play BIOS – 1 MB ROM
Wake On LAN
Yes
Watchdog Timer
Generates a time-out system reset
H/W Status Monitoring
Supports power supply voltages, Fan speed and temperature
monitoring
Expansion Interface
PC/104+ (PC/104 + PCI-104)
Battery
Lithium battery
Power Requirement
+12V, AT/ATX
Power Consumption
(Typical)
Pentium® M 2.0 GHz, DDR333 1 GB
3.31A@+12V
Board Size
4.53" (L) x 6.5" (W) (115mm x 165mm)
Gross Weight
1.2lb (0.5KG)
Operation Temperature
32°F ~ 140°F (0°C ~ 60°C)
Storage Temperature
-40°F ~ 176°F (-40°C ~ 80°C)
Operation Humidity
0% ~ 90% relative humidity, non-condensing
MTBF (Hours)
60,000
Display
Supports CRT/ LCD & CRT/ DVI simultaneous/ dual view displays
Chipset
Intel® 852GM integrated
Memory
Shared system memory up to 64 MB w/DVMT
Resolutions
Up to 1600 x 1200 @ 32bpp for CRT
Up to 1600 x 1200 @ 18-bit for LCD
Up to 1280 x 1024 @ 24-bit for LCD
Up to 1600 x 1200 for DVI
LCD Interface
Up to 24-bit dual-channel LVDS (Emulated 24-bit dual-channel)
TV-out
Supports NTSC and PAL standard, S-Terminal and Composite Video
DVI
DVI-I x 1
I/O
Storage
EIDE x 1 (UDMA 100 for two devices), Type II CompactFlash™ x 1
Serial Port
RS-232 x 3, TTL only/ GPS x 1, RS-232/422/485 x 1
Parallel
SPP/ EPP/ ECP mode
USB
USB2.0 x 6
PS/2 Port
Keyboard x 1, Mouse x 1
IrDA
One IrDA Tx/Rx header
Audio
Line-In, Line-Out & MIC-In
EPIC-8526
LCD Inverter
PCI-104
IrDA
IDE
COM/ GPS
Keyboard +
Mouse
TV-out
USB
COM
Audio
DVI VGA
COM x 2
USB x 4
LAN x 2
AT Power
CPU Fan
Front Panel
LVDS
Parallel
PC/104


Similar Part No. - EPIC-8526

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
EPIC-5536 AAEON-EPIC-5536 Datasheet
404Kb / 2P
   EPIC Board with Onboard AMD Geode LX800 (500 MHz) Processor
EPIC-5537 AAEON-EPIC-5537 Datasheet
349Kb / 1P
   Onboard AMD Geode??LX 800 Processor
EPIC-5537W1 AAEON-EPIC-5537W1 Datasheet
315Kb / 1P
   Onboard AMD Geode??LX 800 Processor 500 MHz
EPIC-9456 AAEON-EPIC-9456 Datasheet
338Kb / 2P
   EPIC Board with Socket-478M Intel Core 2 Duo/ Core Duo/ Celeron M (65nm) Processor
EPIC-9457W1 AAEON-EPIC-9457W1 Datasheet
403Kb / 1P
   EPIC Board with Onboard Intel Atom N270 Processor
More results

Similar Description - EPIC-8526

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
COM-915A AAEON-COM-915A Datasheet
374Kb / 1P
   Intel짰 Pentium짰 M/ Celeron짰 M Processors
COM-915 AAEON-COM-915 Datasheet
300Kb / 1P
   Intel짰 Pentium짰 M/ Celeron짰 M Processors
ETX-821 AAEON-ETX-821 Datasheet
209Kb / 1P
   Intel짰 Pentium짰 M/ Celeron짰 M Processors
ETX-855 AAEON-ETX-855 Datasheet
214Kb / 1P
   Intel짰 Pentium짰 M/ Celeron짰 M Processors
EMB-852T AAEON-EMB-852T Datasheet
225Kb / 1P
   Socket-478M Intel짰 Pentium짰 M/ Celeron짰 M Processors
PCM-8200 AAEON-PCM-8200 Datasheet
691Kb / 1P
   Supports Socket 478 Intel짰 Pentium짰 M/ Celeron짰 M Processors, Onboard Low Voltage Intel짰 Pentium짰 M Processor
GENE-9155 AAEON-GENE-9155 Datasheet
232Kb / 1P
   Intel짰 Pentium짰 M/ Celeron짰 M Processors Up To 2.0 GHz
logo
Advantech Co., Ltd.
ARK-3389 ADVANTECH-ARK-3389 Datasheet
435Kb / 2P
   Intel짰 Pentium짰 M /Celeron짰 M Compact System
logo
AAEON Technology
PCM-8150 AAEON-PCM-8150 Datasheet
220Kb / 1P
   Intel짰 Socket-478M Pentium짰 M/ Celeron짰 M/ Onboard ULV Intel짰 Celeron짰 M Processors at 600 MHz and 1 GHz
PCM-8152 AAEON-PCM-8152 Datasheet
199Kb / 1P
   Intel짰 Socket-478M Pentium짰 M/ Celeron짰 M/ Onboard ULV Intel짰 Celeron짰 M Processors at 600 MHz And 1 GHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com