Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LCX162374MEA Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # 74LCX162374MEA
Description  Low Voltage 16-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs and 26??Series Resistors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCX162374MEA Datasheet(HTML) 4 Page - Fairchild Semiconductor

  74LCX162374MEA Datasheet HTML 1Page - Fairchild Semiconductor 74LCX162374MEA Datasheet HTML 2Page - Fairchild Semiconductor 74LCX162374MEA Datasheet HTML 3Page - Fairchild Semiconductor 74LCX162374MEA Datasheet HTML 4Page - Fairchild Semiconductor 74LCX162374MEA Datasheet HTML 5Page - Fairchild Semiconductor 74LCX162374MEA Datasheet HTML 6Page - Fairchild Semiconductor 74LCX162374MEA Datasheet HTML 7Page - Fairchild Semiconductor 74LCX162374MEA Datasheet HTML 8Page - Fairchild Semiconductor 74LCX162374MEA Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.fairchildsemi.com
4
Absolute Maximum Ratings(Note 4)
Recommended Operating Conditions (Note 6)
Note 4: The Absolute Maximum Ratings are those values beyond which the safety of the device cannot be guaranteed. The device should not be operated
at these limits. The parametric values defined in the Electrical Characteristics tables are not guaranteed at the Absolute Maximum Ratings. The “Recom-
mended Operating Conditions” table will define the conditions for actual device operation.
Note 5: IO Absolute Maximum Rating must be observed.
Note 6: Floating or unused control inputs must be HIGH or LOW.
DC Electrical Characteristics
Symbol
Parameter
Value
Conditions
Units
VCC
Supply Voltage
−0.5 to +7.0
V
VI
DC Input Voltage
−0.5 to +7.0
V
VO
DC Output Voltage
−0.5 to +7.0
3-STATE
V
−0.5 to VCC + 0.5
Output in HIGH or LOW State (Note 5)
IIK
DC Input Diode Current
−50
VI < GND
mA
IOK
DC Output Diode Current
−50
VO < GND
mA
+50
VO > VCC
IO
DC Output Source/Sink Current
±50
mA
ICC
DC Supply Current per Supply Pin
±100
mA
IGND
DC Ground Current per Ground Pin
±100
mA
TSTG
Storage Temperature
−65 to +150
°C
Symbol
Parameter
Min
Max
Units
VCC
Supply Voltage
Operating
2.0
3.6
V
Data Retention
1.5
3.6
VI
Input Voltage
0
5.5
V
VO
Output Voltage
HIGH or LOW State
0
VCC
V
3-STATE
0
5.5
IOH/IOL
Output Current
VCC = 3.0V − 3.6V
±12
mA
VCC = 2.7V − 3.0V
±8
VCC = 2.3V − 2.7V
±4
TA
Free-Air Operating Temperature
−40
85
°C
∆t/∆V
Input Edge Rate, VIN = 0.8V–2.0V, VCC = 3.0V
0
10
ns/V
Symbol
Parameter
Conditions
VCC
TA = −40°C to +85°C
Units
(V)
Min
Max
VIH
HIGH Level Input Voltage
2.3
− 2.7
1.7
V
2.7
− 3.6
2.0
VIL
LOW Level Input Voltage
2.3
− 2.7
0.7
V
2.7
− 3.6
0.8
VOH
HIGH Level Output Voltage
IOH = −100 µA2.3 − 3.6
VCC − 0.2
V
IOH = −4 mA
2.3
1.8
IOH = −4 mA
2.7
2.2
IOH = −6 mA
3.0
2.4
IOH = −8 mA
2.7
2.0
IOH = −12 mA
3.0
2.0
VOL
LOW Level Output Voltage
IOL = 100 µA2.3 − 3.6
0.2
V
IOL = 4 mA
2.3
0.6
IOL = 4 mA
2.7
0.4
IOL = 6 mA
3.0
0.55
IOL = 8 mA
2.7
0.6
IOL = 12 mA
3.0
0.8
II
Input Leakage Current
0
≤ VI ≤ 5.5V
2.3
− 3.6
±5.0
µA
IOZ
3-STATE Output Leakage
0
≤ VO ≤ 5.5V
2.3
− 3.6
±5.0
µA
VI = VIH or VIL


Similar Part No. - 74LCX162374MEA

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LCX162374MEA FAIRCHILD-74LCX162374MEA Datasheet
132Kb / 10P
   Low Voltage 16-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs and 26ohm Series Resistors
logo
ON Semiconductor
74LCX162374MEA ONSEMI-74LCX162374MEA Datasheet
240Kb / 12P
   Low Voltage 16-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
Revised May 2005
More results

Similar Description - 74LCX162374MEA

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LCX162374 FAIRCHILD-74LCX162374_05 Datasheet
132Kb / 10P
   Low Voltage 16-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs and 26ohm Series Resistors
logo
ON Semiconductor
74LCX162374 ONSEMI-74LCX162374 Datasheet
240Kb / 12P
   Low Voltage 16-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
Revised May 2005
logo
Toshiba Semiconductor
TC74LCX16374AFT TOSHIBA-TC74LCX16374AFT Datasheet
274Kb / 7P
   LOW-VOLTAGE 16-BIT D-TYPE FLIP-FLOP WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74LCX16374 FAIRCHILD-74LCX16374 Datasheet
76Kb / 10P
   Low Voltage 16-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
logo
National Semiconductor ...
54LCX16374 NSC-54LCX16374 Datasheet
91Kb / 5P
   Low Voltage 16-Bit D Flip-Flop with 5V Tolerant Inputs and Outputs
logo
Fairchild Semiconductor
74ALVC162374 FAIRCHILD-74ALVC162374 Datasheet
95Kb / 6P
   Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in Outputs
74VCX162374 FAIRCHILD-74VCX162374 Datasheet
151Kb / 7P
   Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs and 26廓 Series Resistors in Outputs
74LCX16821 FAIRCHILD-74LCX16821 Datasheet
80Kb / 8P
   Low Voltage 20-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
74LCX821 FAIRCHILD-74LCX821 Datasheet
90Kb / 8P
   Low Voltage 10-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
logo
ON Semiconductor
74LCX821 ONSEMI-74LCX821 Datasheet
196Kb / 10P
   Low Voltage 10-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
Revised March 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com