Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LCX138MTC Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # 74LCX138MTC
Description  Low Voltage 1-of-8 Decoder/Demultiplexer with 5V Tolerant Inputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCX138MTC Datasheet(HTML) 5 Page - Fairchild Semiconductor

  74LCX138MTC Datasheet HTML 1Page - Fairchild Semiconductor 74LCX138MTC Datasheet HTML 2Page - Fairchild Semiconductor 74LCX138MTC Datasheet HTML 3Page - Fairchild Semiconductor 74LCX138MTC Datasheet HTML 4Page - Fairchild Semiconductor 74LCX138MTC Datasheet HTML 5Page - Fairchild Semiconductor 74LCX138MTC Datasheet HTML 6Page - Fairchild Semiconductor 74LCX138MTC Datasheet HTML 7Page - Fairchild Semiconductor 74LCX138MTC Datasheet HTML 8Page - Fairchild Semiconductor 74LCX138MTC Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
www.fairchildsemi.com
AC Electrical Characteristics
Note 6: Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The
specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH).
Dynamic Switching Characteristics
Capacitance
Symbol
Parameter
TA = −40°C to +85°C, RL = 500Ω
Units
VCC = 3.3V ± 0.3V
VCC = 2.7V
VCC = 2.5V ± 0.2V
CL = 50pF
CL = 50pF
CL = 30pF
Min
Max
Min
Max
Min
Max
tPHL
Propagation Delay
1.5
6.0
1.5
7.0
1.5
7.2
ns
tPLH
An to Qn
1.5
6.0
1.5
7.0
1.5
7.2
tPHL
Propagation Delay
1.5
6.5
1.5
7.5
1.5
8.4
ns
tPLH
E3 to Qn
1.5
6.5
1.5
7.5
1.5
8.4
tPHL
Propagation Delay
1.5
6.0
1.5
7.0
1.5
7.2
ns
tPLH
E1 or E2 to Qn
1.5
6.0
1.5
7.0
1.5
7.2
tOSHL
Output to Output Skew (Note 6)
1.0
ns
tOSLH
1.0
Symbol
Parameter
Conditions
VCC
TA = 25°C
Units
(V)
Typical
VOLP
Quiet Output Dynamic Peak VOL
CL = 50 pF, VIH = 3.3V, VIL = 0V
3.3
0.8
V
CL = 30 pF, VIH = 2.5V, VIL = 0V
2.5
0.6
VOLV
Quiet Output Dynamic Valley VOL
CL = 50 pF, VIH = 3.3V, VIL = 0V
3.3
−0.8
V
CL = 30 pF, VIH = 2.5V, VIL = 0V
2.5
−0.6
Symbol
Parameter
Conditions
Typical
Units
CIN
Input Capacitance
VCC = Open, VI = 0V or VCC
7.0
pF
COUT
Output Capacitance
VCC = 3.3V, VI = 0V or VCC
8.0
pF
CPD
Power Dissipation Capacitance
VCC = 3.3V, VI = 0V or VCC, f = 10 MHz
25.0
pF


Similar Part No. - 74LCX138MTC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74LCX138MTC ONSEMI-74LCX138MTC Datasheet
513Kb / 14P
   Low Voltage 1-of-8 Decoder/Demultiplexer
Revised December 2013
More results

Similar Description - 74LCX138MTC

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74LCX138 MOTOROLA-MC74LCX138 Datasheet
162Kb / 8P
   Low-Voltage CMOS 1-of-8 Decoder/Demultiplexer With 5V-Tolerant Inputs
logo
Fairchild Semiconductor
74LVQ138 FAIRCHILD-74LVQ138 Datasheet
98Kb / 8P
   Low Voltage 1-of-8 Decoder/Demultiplexer
74LVX138 FAIRCHILD-74LVX138 Datasheet
79Kb / 7P
   Low Voltage 1-of-8 Decoder/Demultiplexer
logo
ON Semiconductor
74LVX157 ONSEMI-74LVX157 Datasheet
183Kb / 9P
   Low Voltage 1-of-8 Decoder/Demultiplexer
Revised October 2003
74LCX138 ONSEMI-74LCX138 Datasheet
513Kb / 14P
   Low Voltage 1-of-8 Decoder/Demultiplexer
Revised December 2013
logo
Fairchild Semiconductor
74LVQ138 FAIRCHILD-74LVQ138_01 Datasheet
71Kb / 6P
   Low Voltage 1-of-8 Decoder/Demultiplexer
logo
ON Semiconductor
74LVX138 ONSEMI-74LVX138 Datasheet
185Kb / 9P
   Low Voltage 1-of-8 Decoder/Demultiplexer
Revised October 2003
MC74HCT138A ONSEMI-MC74HCT138A Datasheet
218Kb / 6P
   1-of-8 Decoder/Demultiplexer with LSTTL Compatible Inputs
1995 REV 6
logo
Motorola, Inc
MC74HCT138A MOTOROLA-MC74HCT138A Datasheet
218Kb / 6P
   1-of-8 Decoder/Demultiplexer with LSTTL Compatible Inputs
logo
ON Semiconductor
MC74HCT138A ONSEMI-MC74HCT138A_15 Datasheet
100Kb / 7P
   1-of-8 Decoder/ Demultiplexer with LSTTL Compatible Inputs
June, 2015 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com