Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MOC3081 Datasheet(PDF) 3 Page - Motorola, Inc

Part No. MOC3081
Description  6-Pin DIP Zero-Cross Optoisolators Triac Driver Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MOC3081 Datasheet(HTML) 3 Page - Motorola, Inc

  MOC3081 Datasheet HTML 1Page - Motorola, Inc MOC3081 Datasheet HTML 2Page - Motorola, Inc MOC3081 Datasheet HTML 3Page - Motorola, Inc MOC3081 Datasheet HTML 4Page - Motorola, Inc MOC3081 Datasheet HTML 5Page - Motorola, Inc MOC3081 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MOC3081 MOC3082 MOC3083
3
Motorola Optoelectronics Device Data
5
1
PWin, LED TRIGGER PULSE WIDTH (µs)
10
15
20
25
2
5
20
10
50
0
NORMALIZED TO:
PWin q 100 µs
TA, AMBIENT TEMPERATURE (°C)
–40
+400
Vdc
PULSE
INPUT
MERCURY
WETTED
RELAY
RTEST
CTEST
10 k
X100
SCOPE
PROBE
D.U.T.
APPLIED VOLTAGE
WAVEFORM
252 V
0 VOLTS
tRC
Vmax = 400 V
dv dt
+
0.63 Vmax
tRC
+ 504
tRC
1. The mercury wetted relay provides a high speed repeated pulse
to the D.U.T.
2. 100x scope probes are used, to allow high speeds and voltages.
3. The worst–case condition for static dv/dt is established by
triggering the D.U.T. with a normal LED input current, then
removing the current. The variable RTEST allows the dv/dt to be
gradually increased until the D.U.T. continues to trigger in
response to the applied voltage pulse, even after the LED
current has been removed. The dv/dt is then decreased until the
D.U.T. stops triggering.
tRC is measured at this point and
recorded.
5
–40
TA, AMBIENT TEMPERATURE (°C)
–20
0
20
40
60
80
100
10
20
50
100
200
500
0.6
TA, AMBIENT TEMPERATURE (°C)
IF = RATED IFT
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
–20
0
20
40
60
80
100
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
NORMALIZED TO
TA = 25°C
–20
0
20
40
60
80
100
VDRM = 800 V
Figure 3. Leakage with LED Off
versus Temperature
Figure 4. IDRM2, Leakage in Inhibit State
versus Temperature
Figure 5. Trigger Current versus Temperature
Figure 6. LED Current Required to Trigger
versus LED Pulse Width
Figure 7. Static dv/dt Test Circuit
100
–40


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn