Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MOC3081 Datasheet(PDF) 2 Page - Motorola, Inc

Part No. MOC3081
Description  6-Pin DIP Zero-Cross Optoisolators Triac Driver Output
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo 

MOC3081 Datasheet(HTML) 2 Page - Motorola, Inc

   
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MOC3081 MOC3082 MOC3083
2
Motorola Optoelectronics Device Data
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
INPUT LED
Reverse Leakage Current (VR = 6 V)
IR
0.05
100
µA
Forward Voltage (IF = 30 mA)
VF
1.3
1.5
Volts
OUTPUT DETECTOR (IF = 0)
Leakage with LED Off, Either Direction (VDRM = 800 V(1))
IDRM1
80
500
nA
Critical Rate of Rise of Off–State Voltage(3)
dv/dt
600
1500
V/
µs
COUPLED
LED Trigger Current, Current Required to Latch Output
(Main Terminal Voltage = 3 V(2))
MOC3081
MOC3082
MOC3083
IFT
15
10
5
mA
Peak On–State Voltage, Either Direction
(ITM = 100 mA, IF = Rated IFT)
VTM
1.8
3
Volts
Holding Current, Either Direction
IH
250
µA
Inhibit Voltage (MT1–MT2 Voltage above which device will not
trigger)
(IF = Rated IFT)
VINH
5
20
Volts
Leakage in Inhibited State
(IF = Rated IFT, VDRM = 800 V, Off State)
IDRM2
300
500
µA
1. Test voltage must be applied within dv/dt rating.
2. All devices are guaranteed to trigger at an IF value less than or equal to max IFT. Therefore, recommended operating IF lies between max
2. IFT (15 mA for MOC3081, 10 mA for MOC3082, 5 mA for MOC3083) and absolute max IF (60 mA).
3. This is static dv/dt. See Figure 7 for test circuit. Commutating dv/dt is a function of the load–driving thyristor(s) only.
Figure 1. On–State Characteristics
–3
VTM, ON–STATE VOLTAGE (VOLTS)
–400
0
+400
+800
–2
–1
0
1
2
3
–600
–800
–200
+200
+600
4
–4
0.7
Figure 2. Inhibit Voltage versus Temperature
–40
TA, AMBIENT TEMPERATURE (°C)
0.8
1.1
1.3
–20
0
20
40
60
80
100
0.9
1
1.2
1.4
1.5
5
0.6
0.5
NORMALIZED TO
TA = 25°C
OUTPUT PULSE WIDTH – 80
µs
IF = 30 mA
f = 60 Hz
TA = 25°C
TYPICAL CHARACTERISTICS


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn