Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LCX126 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # 74LCX126
Description  Low Voltage Quad Buffer with 5V Tolerant Inputs and Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCX126 Datasheet(HTML) 6 Page - Fairchild Semiconductor

  74LCX126 Datasheet HTML 1Page - Fairchild Semiconductor 74LCX126 Datasheet HTML 2Page - Fairchild Semiconductor 74LCX126 Datasheet HTML 3Page - Fairchild Semiconductor 74LCX126 Datasheet HTML 4Page - Fairchild Semiconductor 74LCX126 Datasheet HTML 5Page - Fairchild Semiconductor 74LCX126 Datasheet HTML 6Page - Fairchild Semiconductor 74LCX126 Datasheet HTML 7Page - Fairchild Semiconductor 74LCX126 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.fairchildsemi.com
6
Physical Dimensions inches (millimeters) unless otherwise noted
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
Package Number M14A


Similar Part No. - 74LCX126

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LCX126 FAIRCHILD-74LCX126 Datasheet
530Kb / 11P
   Low Voltage Quad Buffer with 5V Tolerant Inputs and Outputs
74LCX126 FAIRCHILD-74LCX126 Datasheet
759Kb / 13P
   Low Voltage Quad Buffer with 5V Tolerant Inputs and Outputs
logo
ON Semiconductor
74LCX126 ONSEMI-74LCX126 Datasheet
665Kb / 13P
   Low Voltage Quad Buffer with 5V Tolerant Inputs and Outputs
December 2013 Rev. 1.5.1
logo
Fairchild Semiconductor
74LCX126BQX FAIRCHILD-74LCX126BQX Datasheet
530Kb / 11P
   Low Voltage Quad Buffer with 5V Tolerant Inputs and Outputs
74LCX126BQX FAIRCHILD-74LCX126BQX Datasheet
759Kb / 13P
   Low Voltage Quad Buffer with 5V Tolerant Inputs and Outputs
More results

Similar Description - 74LCX126

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74LCX126 ONSEMI-74LCX126 Datasheet
665Kb / 13P
   Low Voltage Quad Buffer with 5V Tolerant Inputs and Outputs
December 2013 Rev. 1.5.1
logo
Fairchild Semiconductor
74LCX126 FAIRCHILD-74LCX126_08 Datasheet
759Kb / 13P
   Low Voltage Quad Buffer with 5V Tolerant Inputs and Outputs
74LCX125 FAIRCHILD-74LCX125_08 Datasheet
780Kb / 13P
   Low Voltage Quad Buffer with 5V Tolerant Inputs and Outputs
74LCX126 FAIRCHILD-74LCX126_05 Datasheet
530Kb / 11P
   Low Voltage Quad Buffer with 5V Tolerant Inputs and Outputs
74LCX125 FAIRCHILD-74LCX125 Datasheet
523Kb / 11P
   Low Voltage Quad Buffer with 5V Tolerant Inputs and Outputs
logo
ON Semiconductor
74LCX125 ONSEMI-74LCX125 Datasheet
757Kb / 14P
   Low Voltage Quad Buffer with 5V Tolerant Inputs and Outputs
December 2013 Rev. 1.7.1
logo
Toshiba Semiconductor
TC74LCX125F TOSHIBA-TC74LCX125F Datasheet
277Kb / 8P
   LOW VOLTAGE QUAD BUS BUFFER WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74LCX541F TOSHIBA-TC74LCX541F Datasheet
283Kb / 8P
   LOW VOLTAGE OCTAL BUS BUFFER WITH 5V TOLERANT INPUTS AND OUTPUTS
TC7MZ541FK TOSHIBA-TC7MZ541FK Datasheet
240Kb / 6P
   LOW-VOLTAGE OCTAL BUS BUFFER WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
ON Semiconductor
74LCX244 ONSEMI-74LCX244 Datasheet
701Kb / 16P
   Low Voltage Buffer/Line Driver with 5V Tolerant Inputs and Outputs
Dec 2013 Rev. 1.12.2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com