Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LCX125M Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # 74LCX125M
Description  Low Voltage Quad Buffer with 5V Tolerant Inputs and Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCX125M Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button 74LCX125M Datasheet HTML 3Page - Fairchild Semiconductor 74LCX125M Datasheet HTML 4Page - Fairchild Semiconductor 74LCX125M Datasheet HTML 5Page - Fairchild Semiconductor 74LCX125M Datasheet HTML 6Page - Fairchild Semiconductor 74LCX125M Datasheet HTML 7Page - Fairchild Semiconductor 74LCX125M Datasheet HTML 8Page - Fairchild Semiconductor 74LCX125M Datasheet HTML 9Page - Fairchild Semiconductor 74LCX125M Datasheet HTML 10Page - Fairchild Semiconductor 74LCX125M Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
www.fairchildsemi.com
10
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
Pb-Free 14-Terminal Depopulated Quad Very-Thin Flat Pack No Leads (DQFN), JEDEC MO-241, 2.5 x 3.0mm
Package Number MLP014A


Similar Part No. - 74LCX125M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74LCX125M ONSEMI-74LCX125M Datasheet
757Kb / 14P
   Low Voltage Quad Buffer with 5V Tolerant Inputs and Outputs
December 2013 Rev. 1.7.1
74LCX125MTC ONSEMI-74LCX125MTC Datasheet
757Kb / 14P
   Low Voltage Quad Buffer with 5V Tolerant Inputs and Outputs
December 2013 Rev. 1.7.1
logo
Fairchild Semiconductor
74LCX125MTC FAIRCHILD-74LCX125MTC_08 Datasheet
780Kb / 13P
   Low Voltage Quad Buffer with 5V Tolerant Inputs and Outputs
logo
STMicroelectronics
74LCX125MTR STMICROELECTRONICS-74LCX125MTR Datasheet
216Kb / 12P
   LOW VOLTAGE CMOS QUAD BUS BUFFER (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
74LCX125MTR STMICROELECTRONICS-74LCX125MTR Datasheet
241Kb / 16P
   Low voltage CMOS quad bus buffer (3-State) with 5V tolerant inputs and outputs
More results

Similar Description - 74LCX125M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LCX126 FAIRCHILD-74LCX126 Datasheet
94Kb / 8P
   Low Voltage Quad Buffer with 5V Tolerant Inputs and Outputs
logo
ON Semiconductor
74LCX126 ONSEMI-74LCX126 Datasheet
665Kb / 13P
   Low Voltage Quad Buffer with 5V Tolerant Inputs and Outputs
December 2013 Rev. 1.5.1
logo
Fairchild Semiconductor
74LCX126 FAIRCHILD-74LCX126_08 Datasheet
759Kb / 13P
   Low Voltage Quad Buffer with 5V Tolerant Inputs and Outputs
74LCX125 FAIRCHILD-74LCX125_08 Datasheet
780Kb / 13P
   Low Voltage Quad Buffer with 5V Tolerant Inputs and Outputs
74LCX126 FAIRCHILD-74LCX126_05 Datasheet
530Kb / 11P
   Low Voltage Quad Buffer with 5V Tolerant Inputs and Outputs
logo
ON Semiconductor
74LCX125 ONSEMI-74LCX125 Datasheet
757Kb / 14P
   Low Voltage Quad Buffer with 5V Tolerant Inputs and Outputs
December 2013 Rev. 1.7.1
logo
Toshiba Semiconductor
TC74LCX125F TOSHIBA-TC74LCX125F Datasheet
277Kb / 8P
   LOW VOLTAGE QUAD BUS BUFFER WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74LCX541F TOSHIBA-TC74LCX541F Datasheet
283Kb / 8P
   LOW VOLTAGE OCTAL BUS BUFFER WITH 5V TOLERANT INPUTS AND OUTPUTS
TC7MZ541FK TOSHIBA-TC7MZ541FK Datasheet
240Kb / 6P
   LOW-VOLTAGE OCTAL BUS BUFFER WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
ON Semiconductor
74LCX244 ONSEMI-74LCX244 Datasheet
701Kb / 16P
   Low Voltage Buffer/Line Driver with 5V Tolerant Inputs and Outputs
Dec 2013 Rev. 1.12.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com