Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MOC3061 Datasheet(PDF) 2 Page - Motorola, Inc

Part No. MOC3061
Description  6-Pin DIP Zero-Cross Optoisolators Triac Driver Output
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MOC3061 Datasheet(HTML) 2 Page - Motorola, Inc

  MOC3061 Datasheet HTML 1Page - Motorola, Inc MOC3061 Datasheet HTML 2Page - Motorola, Inc MOC3061 Datasheet HTML 3Page - Motorola, Inc MOC3061 Datasheet HTML 4Page - Motorola, Inc MOC3061 Datasheet HTML 5Page - Motorola, Inc MOC3061 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MOC3061 MOC3062 MOC3063
2
Motorola Optoelectronics Device Data
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
INPUT LED
Reverse Leakage Current
(VR = 6 V)
IR
0.05
100
µA
Forward Voltage
(IF = 30 mA)
VF
1.3
1.5
Volts
OUTPUT DETECTOR (IF = 0)
Leakage with LED Off, Either Direction
(Rated VDRM(1))
IDRM1
60
500
nA
Critical Rate of Rise of Off–State Voltage(3)
dv/dt
600
1500
V/
µs
COUPLED
LED Trigger Current, Current Required to Latch Output
(Main Terminal Voltage = 3 V(2))
MOC3061
MOC3062
MOC3063
IFT
15
10
5
mA
Peak On–State Voltage, Either Direction
(ITM = 100 mA, IF = Rated IFT)
VTM
1.8
3
Volts
Holding Current, Either Direction
IH
250
µA
Inhibit Voltage (MT1–MT2 Voltage above which device will not trigger.)
(IF = Rated IFT)
VINH
5
20
Volts
Leakage in Inhibited State
(IF = Rated IFT, Rated VDRM, Off State)
IDRM2
500
µA
Isolation Voltage (f = 60 Hz, t = 1 sec)
VISO
7500
Vac(pk)
1. Test voltage must be applied within dv/dt rating.
2. All devices are guaranteed to trigger at an IF value less than or equal to max IFT. Therefore, recommended operating IF lies between max
2. IFT (15 mA for MOC3061, 10 mA for MOC3062, 5 mA for MOC3063) and absolute max IF (60 mA).
3. This is static dv/dt. See Figure 7 for test circuit. Commutating dv/dt is a function of the load–driving thyristor(s) only.
Figure 1. On–State Characteristics
–3
VTM, ON–STATE VOLTAGE (VOLTS)
–400
0
+400
+800
–2
–1
0
1
2
3
–600
–800
–200
+200
+600
4
–4
0.7
Figure 2. Inhibit Voltage versus Temperature
–40
TA, AMBIENT TEMPERATURE (°C)
0.8
1.1
1.3
–20
0
20
40
60
80
100
0.9
1
1.2
1.4
1.5
5
0.6
0.5
NORMALIZED TO
TA = 25°C
OUTPUT PULSE WIDTH – 80
µs
IF = 30 mA
f = 60 Hz
TA = 25°C
TYPICAL CHARACTERISTICS
TA = 25°C


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn