Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MOC3061 Datasheet(PDF) 4 Page - Motorola, Inc

Part No. MOC3061
Description  6-Pin DIP Zero-Cross Optoisolators Triac Driver Output
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MOC3061 Datasheet(HTML) 4 Page - Motorola, Inc

  MOC3061 Datasheet HTML 1Page - Motorola, Inc MOC3061 Datasheet HTML 2Page - Motorola, Inc MOC3061 Datasheet HTML 3Page - Motorola, Inc MOC3061 Datasheet HTML 4Page - Motorola, Inc MOC3061 Datasheet HTML 5Page - Motorola, Inc MOC3061 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MOC3061 MOC3062 MOC3063
4
Motorola Optoelectronics Device Data
Rin
1
2
6
4
360
MOC3061–63
3
5
VCC
NOTE: This optoisolator should not be used to drive a load directly.
It is intended to be a trigger device only.
360
39
0.01
240 Vac
HOT
NEUTRAL
LOAD
Typical circuit for use when hot line switching is required.
In this circuit the “hot” side of the line is switched and the
load connected to the cold or neutral side. The load may be
connected to either the neutral or hot line.
Rin is calculated so that IF is equal to the rated IFT of the
part, 15 mA for the MOC3061, 10 mA for the MOC3062,
and 5 mA for the MOC3063. The 39 ohm resistor and 0.01
µF capacitor are for snubbing of the triac and may or may
not be necessary depending upon the particular triac and
load used.
Rin
R1
2
6
4
3
5
VCC
R2
LOAD
360
D1
1
SCR
SCR
D2
240 Vac
Suggested method of firing two, back–to–back SCR’s,
with a Motorola triac driver. Diodes can be 1N4001; resis-
tors, R1 and R2, are optional 330 ohms.
Figure 8. Hot–Line Switching Application Circuit
Figure 9. Inverse–Parallel SCR Driver Circuit
MOC3061–63


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn