Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF


MOC3052 Datasheet(PDF) 1 Page - Motorola, Inc

Part No. MOC3052
Description  6-Pin DIP Random-Phase Optoisolators Triac Drivers
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo 

   
 1 page
background image
1
Motorola Optoelectronics Device Data
6-Pin DIP Random-Phase
Optoisolators Triac Drivers
(600 Volts Peak)
The MOC3051 Series consists of a GaAs infrared LED optically coupled to a
non–Zero–crossing silicon bilateral AC switch (triac). The MOC3051 Series
isolates low voltage logic from 115 and 240 Vac lines to provide random phase
control of high current triacs or thyristors. The MOC3051 Series features greatly
enhanced static dv/dt capability to ensure stable switching performance of
inductive loads.
• To order devices that are tested and marked per VDE 0884 requirements, the
suffix ”V” must be included at end of part number. VDE 0884 is a test option.
Recommended for 115/240 Vac(rms) Applications:
• Solenoid/Valve Controls
Solid State Relays
• Lamp Ballasts
Incandescent Lamp Dimmers
• Static AC Power Switch
Temperature Controls
• Interfacing Microprocessors to 115 and 240 Vac
Motor Controls
Peripherals
MAXIMUM RATINGS (TA = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
INFRARED EMITTING DIODE
Reverse Voltage
VR
3
Volts
Forward Current — Continuous
IF
60
mA
Total Power Dissipation @ TA = 25°C
Negligible Power in Triac Driver
Derate above 25
°C
PD
100
1.33
mW
mW/
°C
OUTPUT DRIVER
Off–State Output Terminal Voltage
VDRM
600
Volts
Peak Repetitive Surge Current
(PW = 100
µs, 120 pps)
ITSM
1
A
Total Power Dissipation @ TA = 25°C
Derate above 25
°C
PD
300
4
mW
mW/
°C
TOTAL DEVICE
Isolation Surge Voltage (1)
(Peak ac Voltage, 60 Hz, 1 Second Duration)
VISO
7500
Vac(pk)
Total Power Dissipation @ TA = 25°C
Derate above 25
°C
PD
330
4.4
mW
mW/
°C
Junction Temperature Range
TJ
– 40 to +100
°C
Ambient Operating Temperature Range (2)
TA
– 40 to +85
°C
Storage Temperature Range(2)
Tstg
– 40 to +150
°C
Soldering Temperature (10 s)
TL
260
°C
1. Isolation surge voltage, VISO, is an internal device dielectric breakdown rating.
1. For this test, Pins 1 and 2 are common, and Pins 4, 5 and 6 are common.
2. Refer to Quality and Reliability Section in Opto Data Book for information on test conditions.
Preferred devices are Motorola recommended choices for future use and best overall value.
GlobalOptoisolator is a trademark of Motorola, Inc.
Order this document
by MOC3051/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
GlobalOptoisolator
© Motorola, Inc. 1995
MOC3051
MOC3052
*Motorola Preferred Device
[IFT = 10 mA Max]
*
[IFT = 15 mA Max]
COUPLER SCHEMATIC
STANDARD THRU HOLE
CASE 730A–04
1. ANODE
2. CATHODE
3. NC
4. MAIN TERMINAL
5. SUBSTRATE
DO NOT CONNECT
6. MAIN TERMINAL
1
2
3
6
5
4
6
1
STYLE 6 PLASTIC
(Replaces MOC3050/D)




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MOC3052M6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVERS 600 VOLT PEAK 1 2 3 4 5 MoreFairchild Semiconductor
MOC3051-M6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVERS 600 VOLT PEAK 1 2 3 4 5 MoreFairchild Semiconductor
MOC3010-M6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVER OUTPUT 250/400 VOLT PEAK 1 2 3 4 5 MoreFairchild Semiconductor
MOC30216-Pin DIP Random-phase Optoisolators Triac Driver Output 1 2 3 4 5 MoreFairchild Semiconductor
MOC30106-Pin DIP Random-Phase Optoisolators Triac Driver Output 1 2 3 4 5 MoreMotorola, Inc
MOC3010M6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVER OUTPUT 250/400 VOLT PEAK 1 2 3 4 5 MoreFairchild Semiconductor
MOC30206-Pin DIP Random-Phase Optoisolators Triac Driver Output 1 2 3 4 5 MoreMotorola, Inc
MOC30616-Pin DIP Zero-Cross Optoisolators Triac Driver Output 1 2 3 4 5 MoreMotorola, Inc
MOC30816-Pin DIP Zero-Cross Optoisolators Triac Driver Output 1 2 3 4 5 MoreMotorola, Inc
MOC3081M6-PIN DIP ZERO-CROSS OPTOISOLATORS TRIAC DRIVER OUTPUT 800 VOLT PEAK 1 2 3 4 5 MoreFairchild Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl