Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJG1686MHH Datasheet(PDF) 10 Page - New Japan Radio

Part # NJG1686MHH
Description  SP10T ANTENNA SWITCH GaAs MMIC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1686MHH Datasheet(HTML) 10 Page - New Japan Radio

Back Button NJG1686MHH Datasheet HTML 5Page - New Japan Radio NJG1686MHH Datasheet HTML 6Page - New Japan Radio NJG1686MHH Datasheet HTML 7Page - New Japan Radio NJG1686MHH Datasheet HTML 8Page - New Japan Radio NJG1686MHH Datasheet HTML 9Page - New Japan Radio NJG1686MHH Datasheet HTML 10Page - New Japan Radio NJG1686MHH Datasheet HTML 11Page - New Japan Radio NJG1686MHH Datasheet HTML 12Page - New Japan Radio NJG1686MHH Datasheet HTML 13Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
NJG1686MHH
- 10 -
I
APPLICATION CIRCUIT
(TOP VIEW)
I
PARTS LIST
No.
Parameters
Note
C1
1000 pF
MURATA (GRM15)
C2
*1
47pF
MURATA (GRM15)
L1
*1
56 nH
TDK (MLG1005S)
*1:
The use of the inductor L1 and the capacitor C2 are needed in order to keep zero DC Voltage at RF ports,
enhancing ESD protection level, and for good RF characteristics.
No DC blocking capacitors are required on all RF ports, unless DC is
biased externally.
1. GND
2. TRX4
3. TRX5
4. TRX6
5. GND
6. GND
7. ANT
8. GND
9. GND
10. TX2
11. GND
12. GND
13. TX1
14. GND
15. RX2
16. GND
17. RX1
18. TRX1
19. TRX2
20. TRX3
21. GND
22. VDD
23. VCTL4
24. VCTL3
25. VCTL2
26. VCTL1
C1
L1
9
11
10
12
13
16
DECODER, CHARGE PUMP
26
24
25
23
22
21
20
19
18
17
15
14
2
3
4
5
6
7
8
1
LPF
LPF
GND
VCTL4
VDD
VCTL3
VCTL2
VCTL1
GND
TX2
GND
GND
TX1
GND
RX2
GND
RX1
TRX1
TRX2
TRX3
GND
ANT
GND
GND
TRX6
TRX5
TRX4
GND
C2


Similar Part No. - NJG1686MHH

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1683ME7 NJRC-NJG1683ME7 Datasheet
395Kb / 13P
   High Isolation X-SP3T (DP6T) SWITCH
NJG1684ME2 NJRC-NJG1684ME2 Datasheet
486Kb / 11P
   HIGH POWER SP4T SWITCH GaAs MMIC
More results

Similar Description - NJG1686MHH

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1670LG3 NJRC-NJG1670LG3 Datasheet
206Kb / 11P
   SP10T ANTENNA SWITCH GaAs MMIC
logo
RF Micro Devices
RF8889A RFMD-RF8889A Datasheet
2Mb / 26P
   SP10T ANTENNA SWITCH MODULE
RF1193A RFMD-RF1193A Datasheet
1Mb / 23P
   SP10T ANTENNA SWITCH MODULE
logo
New Japan Radio
NJG1515AVB2 NJRC-NJG1515AVB2 Datasheet
549Kb / 18P
   TDMA ANTENNA SWITCH GaAs MMIC
NJG1672LK4 NJRC-NJG1672LK4 Datasheet
247Kb / 16P
   SP9T ANTENNA SWITCH GaAs MMIC
NJG1673LG3 NJRC-NJG1673LG3 Datasheet
268Kb / 11P
   SP9T ANTENNA SWITCH GaAs MMIC
NJG1544HC3 NJRC-NJG1544HC3 Datasheet
164Kb / 8P
   2x2 Antenna SWITCH GaAs MMIC
NJG1520PE1 NJRC-NJG1520PE1 Datasheet
408Kb / 17P
   TDMA ANTENNA SWITCH GaAs MMIC
NJG1521PE1 NJRC-NJG1521PE1 Datasheet
407Kb / 17P
   TDMA ANTENNA SWITCH GaAs MMIC
NJG1658K34 NJRC-NJG1658K34 Datasheet
79Kb / 2P
   DP7T ANTENNA SWITCH GaAs MMIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com