Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8479ARZ-RL Datasheet(PDF) 11 Page - Analog Devices

Part # AD8479ARZ-RL
Description  Very High Common-Mode Voltage Precision Difference Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8479ARZ-RL Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8479ARZ-RL Datasheet HTML 7Page - Analog Devices AD8479ARZ-RL Datasheet HTML 8Page - Analog Devices AD8479ARZ-RL Datasheet HTML 9Page - Analog Devices AD8479ARZ-RL Datasheet HTML 10Page - Analog Devices AD8479ARZ-RL Datasheet HTML 11Page - Analog Devices AD8479ARZ-RL Datasheet HTML 12Page - Analog Devices AD8479ARZ-RL Datasheet HTML 13Page - Analog Devices AD8479ARZ-RL Datasheet HTML 14Page - Analog Devices AD8479ARZ-RL Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Data Sheet
AD8479
Rev. 0 | Page 11 of 16
THEORY OF OPERATION
The AD8479 is a unity-gain, differential-to-single-ended
amplifier that can reject extremely high common-mode signals
in excess of 600 V with 15 V supplies. The AD8479 consists of
an operational amplifier (op amp) and a resistor network (see
Figure 33).
2
3
4
1
7
6
8
REF(–)
–IN
1MΩ
AD8479
1MΩ
+IN
–VS
NC
+VS
OUTPUT
5
REF(+)
NOTES
1. NC = NO CONNECT. DO NOT CONNECT TO THIS PIN.
Figure 33. Functional Block Diagram
To achieve the high common-mode voltage range, an internal
resistor divider—connected to Pin 3 and Pin 5—attenuates the
noninverting signal by a factor of 60. The internal resistors at
Pin 1 and Pin 2, as well as the feedback resistor, restore the gain
to provide a differential gain of unity.
The complete transfer function is
VOUT = V (+IN) − V (−IN)
Laser wafer-trimming provides resistor matching so that
common-mode signals are rejected and differential input
signals are amplified.
To reduce output voltage drift, the op amp uses super beta tran-
sistors in its input stage. The input offset current and its associated
temperature coefficient contribute no appreciable output voltage
offset or drift, which has the added benefit of reducing voltage
noise because the corner where 1/f noise becomes dominant is
below 5 Hz. To reduce the dependence of gain accuracy on the
op amp, the open-loop voltage gain of the op amp exceeds
20 million V/V, and the PSRR exceeds 90 dB.


Similar Part No. - AD8479ARZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8479ARZ-RL AD-AD8479ARZ-RL Datasheet
425Kb / 16P
   Very High Common-Mode Voltage Precision Difference Amplifier
More results

Similar Description - AD8479ARZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8479-EP AD-AD8479-EP Datasheet
226Kb / 7P
   Very High Common-Mode Voltage Precision Difference Amplifier
Rev. 0
AD8479 AD-AD8479_15 Datasheet
425Kb / 16P
   Very High Common-Mode Voltage Precision Difference Amplifier
AD629 AD-AD629 Datasheet
302Kb / 12P
   High Common-Mode Voltage Difference Amplifier
REV. A
logo
Burr-Brown (TI)
INA117 BURR-BROWN-INA117 Datasheet
192Kb / 14P
   High Common-Mode Voltage DIFFERENCE AMPLIFIER
logo
Texas Instruments
INA117KUG4 TI1-INA117KUG4 Datasheet
312Kb / 17P
[Old version datasheet]   High Common-Mode Voltage DIFFERENCE AMPLIFIER
logo
Analog Devices
AD629 AD-AD629_15 Datasheet
410Kb / 16P
   High Common-Mode Voltage, Difference Amplifier
REV. C
AD629 AD-AD629_07 Datasheet
540Kb / 16P
   High Common-Mode Voltage, Difference Amplifier
Rev. B
logo
Texas Instruments
INA149 TI-INA149 Datasheet
1Mb / 24P
[Old version datasheet]   High Common-Mode Voltage Difference Amplifier
INA149-EP TI1-INA149-EP Datasheet
1Mb / 26P
[Old version datasheet]   HIGH COMMON-MODE VOLTAGE DIFFERENCE AMPLIFIER
logo
Analog Devices
LT6376 AD-LT6376 Datasheet
613Kb / 30P
   Common Mode Voltage Difference Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com