Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJW4185DL3-08 Datasheet(PDF) 2 Page - New Japan Radio

Part # NJW4185DL3-08
Description  High Voltage Io=500mA Low Dropout Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW4185DL3-08 Datasheet(HTML) 2 Page - New Japan Radio

  NJW4185DL3-08 Datasheet HTML 1Page - New Japan Radio NJW4185DL3-08 Datasheet HTML 2Page - New Japan Radio NJW4185DL3-08 Datasheet HTML 3Page - New Japan Radio NJW4185DL3-08 Datasheet HTML 4Page - New Japan Radio NJW4185DL3-08 Datasheet HTML 5Page - New Japan Radio NJW4185DL3-08 Datasheet HTML 6Page - New Japan Radio NJW4185DL3-08 Datasheet HTML 7Page - New Japan Radio NJW4185DL3-08 Datasheet HTML 8Page - New Japan Radio NJW4185DL3-08 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
NJW4185
- 2 -
Ver.2013-04-17
OUTPUTVOLTAGERANKLIST
Device Name
VOUT
NJW4185DL3-33
3.3V
NJW4185DL3-05
5.0V
NJW4185DL3-08
8.0V
NJW4185DL3-15
15.0V
ABSOLUTE MAXIMUM RATINGS
(Ta=25
°C)
PARAMETER
SYNBOL
RATINGS
UNIT
Input Voltage
VIN
-0.3 to +45
V
Control Voltage
VCONT
-0.3 to +45
V
Output Voltage
VOUT
-0.3 to VIN ≤ +17
V
Power Dissipation
PD
1190 (*1)
3125 (*2)
mW
Junction Temperature
TJ
-40 to +150
°C
Operating Temperature
Topr
-40 to +85
°C
Storage Temperature
Tstg
-40 to +150
°C
(*1): Mounted on glass epoxy board. (76.2
×114.3×1.6mm:based on EIA/JDEC standard size, 2Layers, Cu area 100mm2)
(*2): Mounted on glass epoxy board. (76.2
×114.3×1.6mm:based on EIA/JDEC standard, 4Layers)
(For 4Layers: Applying 74.2 x 74.2mm inner Cu area and thermal via hole to a board based on JEDEC standard JESD51-5)
INPUT VOLTAGE RANGE
VIN=4.0V∼40V


Similar Part No. - NJW4185DL3-08

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW4185DL3 NJRC-NJW4185DL3 Datasheet
152Kb / 1P
   40V Io=500mA Low dropout Regulator
More results

Similar Description - NJW4185DL3-08

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW4186-T1 NJRC-NJW4186-T1 Datasheet
430Kb / 15P
   High Voltage Io=500mA Adjustable Low Dropout Regulator
NJW4185 NJRC-NJW4185 Datasheet
152Kb / 1P
   40V Io=500mA Low dropout Regulator
NJU7223 NJRC-NJU7223 Datasheet
127Kb / 5P
   500mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS3107 ADMOS-AMS3107 Datasheet
82Kb / 9P
   500mA LOW DROPOUT VOLTAGE REGULATOR
AMS2907 ADMOS-AMS2907 Datasheet
80Kb / 8P
   500mA LOW DROPOUT VOLTAGE REGULATOR
AMS3107 ADMOS-AMS3107_1 Datasheet
77Kb / 9P
   500mA LOW DROPOUT VOLTAGE REGULATOR
logo
Taiwan Memory Technolog...
T6328A TMT-T6328A Datasheet
473Kb / 10P
   500mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2907 ADMOS-AMS2907_05 Datasheet
68Kb / 8P
   500mA LOW DROPOUT VOLTAGE REGULATOR
AMS2905 ADMOS-AMS2905_05 Datasheet
67Kb / 8P
   500mA LOW DROPOUT VOLTAGE REGULATOR
logo
Unisonic Technologies
LM2937 UTC-LM2937 Datasheet
144Kb / 10P
   500mA LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com