Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJW4185DL3-05 Datasheet(PDF) 6 Page - New Japan Radio

Part # NJW4185DL3-05
Description  High Voltage Io=500mA Low Dropout Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW4185DL3-05 Datasheet(HTML) 6 Page - New Japan Radio

Back Button NJW4185DL3-05 Datasheet HTML 2Page - New Japan Radio NJW4185DL3-05 Datasheet HTML 3Page - New Japan Radio NJW4185DL3-05 Datasheet HTML 4Page - New Japan Radio NJW4185DL3-05 Datasheet HTML 5Page - New Japan Radio NJW4185DL3-05 Datasheet HTML 6Page - New Japan Radio NJW4185DL3-05 Datasheet HTML 7Page - New Japan Radio NJW4185DL3-05 Datasheet HTML 8Page - New Japan Radio NJW4185DL3-05 Datasheet HTML 9Page - New Japan Radio NJW4185DL3-05 Datasheet HTML 10Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
NJW4185
- 6 -
Ver.2013-04-17
*The notes of the evaluation when output pin is shorted to GND
When evaluated short circuit test, the IC may break down because of regenerated energy by the parasitic inductance
included in
wiring pattern.
It phenomenon appears conspicuously when output voltage is high(Vo=8.0V or more)or connected to inductive load.
In case of short circuit in actual application, not likely to destruction of IC because of some of Resistance exist
between load.
If happened above phenomenon by the short circuit test with the actual application, recommend connecting schottky
barrier diode
(SBD) between Vo pin and the GND or using output condensers that have ESR more than 2ohrm like a
tantalum or aluminum electrolytic capacitor.(see below figure)
(a)In case of insert Schottky barrier diode between output pin - GND
NJW 4185
VIN
VOUT
GND
VOUT
VIN
SBD
(b) In case of using the electrolysis condenser or insert series resistance
NJW4185
VIN
VOUT
GND
VOUT
VIN
Connecting resistance(2ohrm or more)in series.
(in case of ESR of COUT is low)


Similar Part No. - NJW4185DL3-05

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW4185DL3 NJRC-NJW4185DL3 Datasheet
152Kb / 1P
   40V Io=500mA Low dropout Regulator
More results

Similar Description - NJW4185DL3-05

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW4186-T1 NJRC-NJW4186-T1 Datasheet
430Kb / 15P
   High Voltage Io=500mA Adjustable Low Dropout Regulator
NJW4185 NJRC-NJW4185 Datasheet
152Kb / 1P
   40V Io=500mA Low dropout Regulator
NJU7223 NJRC-NJU7223 Datasheet
127Kb / 5P
   500mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS3107 ADMOS-AMS3107 Datasheet
82Kb / 9P
   500mA LOW DROPOUT VOLTAGE REGULATOR
AMS2907 ADMOS-AMS2907 Datasheet
80Kb / 8P
   500mA LOW DROPOUT VOLTAGE REGULATOR
AMS3107 ADMOS-AMS3107_1 Datasheet
77Kb / 9P
   500mA LOW DROPOUT VOLTAGE REGULATOR
logo
Taiwan Memory Technolog...
T6328A TMT-T6328A Datasheet
473Kb / 10P
   500mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2907 ADMOS-AMS2907_05 Datasheet
68Kb / 8P
   500mA LOW DROPOUT VOLTAGE REGULATOR
AMS2905 ADMOS-AMS2905_05 Datasheet
67Kb / 8P
   500mA LOW DROPOUT VOLTAGE REGULATOR
logo
Unisonic Technologies
LM2937 UTC-LM2937 Datasheet
144Kb / 10P
   500mA LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com