Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJW4185 Datasheet(PDF) 9 Page - New Japan Radio

Part # NJW4185
Description  High Voltage Io=500mA Low Dropout Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW4185 Datasheet(HTML) 9 Page - New Japan Radio

Back Button NJW4185_13 Datasheet HTML 3Page - New Japan Radio NJW4185_13 Datasheet HTML 4Page - New Japan Radio NJW4185_13 Datasheet HTML 5Page - New Japan Radio NJW4185_13 Datasheet HTML 6Page - New Japan Radio NJW4185_13 Datasheet HTML 7Page - New Japan Radio NJW4185_13 Datasheet HTML 8Page - New Japan Radio NJW4185_13 Datasheet HTML 9Page - New Japan Radio NJW4185_13 Datasheet HTML 10Page - New Japan Radio NJW4185_13 Datasheet HTML 11Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
NJW4185
- 9 -
Ver.2013-04-17
NJW4185_5.0V
Output Voltage vs. Temperature
4.8
4.85
4.9
4.95
5
5.05
5.1
5.15
5.2
-50
0
50
100
150
Temperature:Ta (℃)
@:Co=2.2uF(Ceramic)
VIN=6.0V
Io=500mA
Io=30mA
Io=0mA
NJW4185_5.0V
Control Voltage vs. Temperature
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
-50
0
50
100
150
Temperature:Ta (℃)
@:Co=2.2uF(Ceramic)
VIN=6.0V
No Load
NJW4185_5.0V
Control Current vs. Temperature
0
0.5
1
1.5
2
2.5
3
3.5
4
-50
0
50
100
150
Temperature:Ta (℃)
@:Co=2.2uF(Ceramic)
VIN=6.0V
VCONT=1.6V
NJW4185_5.0V
Peak Output Current vs. Temperature
0
300
600
900
1200
1500
-50
0
50
100
150
Temperature:Ta (℃)
@:Co=2.2uF(Ceramic)
Vo=4.5V
VIN=40V
VIN=6.0V
NJW4185_5.0V
Short Cuircuit Current vs. Temperature
0
100
200
300
400
500
600
700
800
900
1000
-50
0
50
100
150
Temperature:Ta (℃)
VIN=40V
VIN=6.0V
@:Co=2.2uF(Ceramic)
Vo= 0V
NJW4185_5.0V
Line Regulation vs. Temperature
-0.05
-0.025
0
0.025
0.05
-50
0
50
100
150
Temperature:Ta (℃)
@:Co=2.2uF(Ceramic)
VIN=6.0~40V
Io=30mA


Similar Part No. - NJW4185_13

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW4185DL3 NJRC-NJW4185DL3 Datasheet
152Kb / 1P
   40V Io=500mA Low dropout Regulator
More results

Similar Description - NJW4185_13

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW4186-T1 NJRC-NJW4186-T1 Datasheet
430Kb / 15P
   High Voltage Io=500mA Adjustable Low Dropout Regulator
NJW4185 NJRC-NJW4185 Datasheet
152Kb / 1P
   40V Io=500mA Low dropout Regulator
NJU7223 NJRC-NJU7223 Datasheet
127Kb / 5P
   500mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS3107 ADMOS-AMS3107 Datasheet
82Kb / 9P
   500mA LOW DROPOUT VOLTAGE REGULATOR
AMS2907 ADMOS-AMS2907 Datasheet
80Kb / 8P
   500mA LOW DROPOUT VOLTAGE REGULATOR
AMS3107 ADMOS-AMS3107_1 Datasheet
77Kb / 9P
   500mA LOW DROPOUT VOLTAGE REGULATOR
logo
Taiwan Memory Technolog...
T6328A TMT-T6328A Datasheet
473Kb / 10P
   500mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2907 ADMOS-AMS2907_05 Datasheet
68Kb / 8P
   500mA LOW DROPOUT VOLTAGE REGULATOR
AMS2905 ADMOS-AMS2905_05 Datasheet
67Kb / 8P
   500mA LOW DROPOUT VOLTAGE REGULATOR
logo
Unisonic Technologies
LM2937 UTC-LM2937 Datasheet
144Kb / 10P
   500mA LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com