Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPB65R225C7 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # IPB65R225C7
Description  650V CoolMOS??C7 Power Transistor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPB65R225C7 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button IPB65R225C7 Datasheet HTML 6Page - Infineon Technologies AG IPB65R225C7 Datasheet HTML 7Page - Infineon Technologies AG IPB65R225C7 Datasheet HTML 8Page - Infineon Technologies AG IPB65R225C7 Datasheet HTML 9Page - Infineon Technologies AG IPB65R225C7 Datasheet HTML 10Page - Infineon Technologies AG IPB65R225C7 Datasheet HTML 11Page - Infineon Technologies AG IPB65R225C7 Datasheet HTML 12Page - Infineon Technologies AG IPB65R225C7 Datasheet HTML 13Page - Infineon Technologies AG IPB65R225C7 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
650VCoolMOS™C7PowerTransistor
IPB65R225C7
Rev.2.0,2013-04-18
Final Data Sheet
Table12
Diagram9:Typ.transfercharacteristics
VGS[V]
0
2
4
6
8
10
12
0
5
10
15
20
25
30
35
40
45
150 °C
25 °C
ID=f(VGS);VDS=20V;parameter:Tj
Diagram10:Typ.gatecharge
Qgate[nC]
0
5
10
15
20
25
0
1
2
3
4
5
6
7
8
9
10
11
12
400 V
120 V
VGS=f(Qgate);ID=4.8Apulsed;parameter:VDD
Table13
Diagram11:Forwardcharacteristicsofreversediode
VSD[V]
0.0
0.5
1.0
1.5
2.0
10-1
100
101
102
125 °C
25 °C
IF=f(VSD);parameter:Tj
Diagram12:Avalancheenergy
Tj[°C]
25
50
75
100
125
150
0
5
10
15
20
25
30
35
40
45
50
EAS=f(Tj);ID=4.8A;VDD=50V


Similar Part No. - IPB65R225C7

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IPB65R225C7 ISC-IPB65R225C7 Datasheet
314Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - IPB65R225C7

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPP65R045C7 INFINEON-IPP65R045C7 Datasheet
1Mb / 15P
   650V CoolMOS??C7 Power Transistor
Rev.2.0,2013-04-18
IPW65R019C7 INFINEON-IPW65R019C7 Datasheet
1Mb / 15P
   650V CoolMOS??C7 Power Transistor
Rev.2.1
IPZ65R019C7 INFINEON-IPZ65R019C7 Datasheet
1Mb / 15P
   650V CoolMOS??C7 Power Transistor
Rev.2.0
IPL65R130C7 INFINEON-IPL65R130C7 Datasheet
1Mb / 15P
   650V CoolMOS??C7 Power Transistor
Rev.2.0,2013-04-29
IPB65R045C7 INFINEON-IPB65R045C7 Datasheet
1Mb / 15P
   650V CoolMOS??C7 Power Transistor
Rev.2.0,2013-04-18
IPL65R230C7 INFINEON-IPL65R230C7 Datasheet
1Mb / 15P
   650V CoolMOS??C7 Power Transistor
Rev.2.0,2013-04-29
IPA65R095C7 INFINEON-IPA65R095C7 Datasheet
1Mb / 15P
   650V CoolMOS??C7 Power Transistor
Rev.2.0,2013-10-18
IPP65R225C7 INFINEON-IPP65R225C7 Datasheet
1Mb / 15P
   650V CoolMOS??C7 Power Transistor
Rev.2.0,2013-04-18
IPZ65R045C7 INFINEON-IPZ65R045C7 Datasheet
1Mb / 15P
   650V CoolMOS??C7 Power Transistor
Rev.2.0
IPA65R045C7 INFINEON-IPA65R045C7 Datasheet
1Mb / 15P
   650V CoolMOS??C7 Power Transistor
Rev.2.0,2013-10-18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com