Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPB65R045C7 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # IPB65R045C7
Description  650V CoolMOS??C7 Power Transistor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPB65R045C7 Datasheet(HTML) 5 Page - Infineon Technologies AG

  IPB65R045C7 Datasheet HTML 1Page - Infineon Technologies AG IPB65R045C7 Datasheet HTML 2Page - Infineon Technologies AG IPB65R045C7 Datasheet HTML 3Page - Infineon Technologies AG IPB65R045C7 Datasheet HTML 4Page - Infineon Technologies AG IPB65R045C7 Datasheet HTML 5Page - Infineon Technologies AG IPB65R045C7 Datasheet HTML 6Page - Infineon Technologies AG IPB65R045C7 Datasheet HTML 7Page - Infineon Technologies AG IPB65R045C7 Datasheet HTML 8Page - Infineon Technologies AG IPB65R045C7 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
650VCoolMOS™C7PowerTransistor
IPB65R045C7
Rev.2.0,2013-04-18
Final Data Sheet
3Thermalcharacteristics
Table3Thermalcharacteristics
Values
Min.
Typ.
Max.
Parameter
Symbol
Unit Note/TestCondition
Thermal resistance, junction - case
RthJC
-
-
0.55
°C/W -
Thermal resistance, junction - ambient
RthJA
-
-
62
°C/W device on PCB, minimal footprint
Thermal resistance, junction - ambient
for SMD version
RthJA
-
35
45
°C/W
Device on 40mm*40mm*1.5mm
epoxy PCB FR4 with 6cm² (one
layer, 70µm thickness) copper
area for drain connection and
cooling. PCB is vertical without air
stream cooling.
Soldering temperature, wave- & reflow
soldering allowed
Tsold
-
-
260
°C
reflow MSL1


Similar Part No. - IPB65R045C7

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IPB65R045C7 ISC-IPB65R045C7 Datasheet
189Kb / 2P
   Isc N-Channel MOSFET Transistor
More results

Similar Description - IPB65R045C7

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPP65R045C7 INFINEON-IPP65R045C7 Datasheet
1Mb / 15P
   650V CoolMOS??C7 Power Transistor
Rev.2.0,2013-04-18
IPW65R019C7 INFINEON-IPW65R019C7 Datasheet
1Mb / 15P
   650V CoolMOS??C7 Power Transistor
Rev.2.1
IPZ65R019C7 INFINEON-IPZ65R019C7 Datasheet
1Mb / 15P
   650V CoolMOS??C7 Power Transistor
Rev.2.0
IPB65R225C7 INFINEON-IPB65R225C7 Datasheet
1Mb / 15P
   650V CoolMOS??C7 Power Transistor
Rev.2.0,2013-04-18
IPL65R130C7 INFINEON-IPL65R130C7 Datasheet
1Mb / 15P
   650V CoolMOS??C7 Power Transistor
Rev.2.0,2013-04-29
IPL65R230C7 INFINEON-IPL65R230C7 Datasheet
1Mb / 15P
   650V CoolMOS??C7 Power Transistor
Rev.2.0,2013-04-29
IPA65R095C7 INFINEON-IPA65R095C7 Datasheet
1Mb / 15P
   650V CoolMOS??C7 Power Transistor
Rev.2.0,2013-10-18
IPP65R225C7 INFINEON-IPP65R225C7 Datasheet
1Mb / 15P
   650V CoolMOS??C7 Power Transistor
Rev.2.0,2013-04-18
IPZ65R045C7 INFINEON-IPZ65R045C7 Datasheet
1Mb / 15P
   650V CoolMOS??C7 Power Transistor
Rev.2.0
IPA65R045C7 INFINEON-IPA65R045C7 Datasheet
1Mb / 15P
   650V CoolMOS??C7 Power Transistor
Rev.2.0,2013-10-18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com