Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74FR900 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # 74FR900
Description  9-Bit, 3-Port Latchable Datapath Multiplexer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74FR900 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  74FR900 Datasheet HTML 1Page - Fairchild Semiconductor 74FR900 Datasheet HTML 2Page - Fairchild Semiconductor 74FR900 Datasheet HTML 3Page - Fairchild Semiconductor 74FR900 Datasheet HTML 4Page - Fairchild Semiconductor 74FR900 Datasheet HTML 5Page - Fairchild Semiconductor 74FR900 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
AC Operating Requirements
Extended AC Electrical Characteristics
Symbol
Parameter
TA = +25°CTA = 0°C to +70°C
Units
VCC = +5.0V
VCC = +5.0V
CL = 50 pF
CL = 50 pF
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
tPHL
An or Bn to Cn
2.0
4.2
7.0
2.0
7.0
ns
Cn to An or Bn
tPLH
Propagation Delay
2.5
4.8
7.5
2.5
7.5
ns
tPHL
C8 to A8 or B8 (PINV HIGH)
tPLH
Propagation Delay
4.5
6.4
10.0
4.5
10.0
ns
tPHL
An to Bn, Bn to An
tPLH
Propagation Delay
4.5
6.8
10.0
4.5
10.0
ns
tPHL
LEAC to Cn, LEBC to Cn
tPLH
Propagation Delay
3.0
6.0
9.5
3.0
9.5
ns
tPHL
LECA to An, LECB to Bn
tPLH
Propagation Delay
3.0
6.0
10.0
3.0
10.0
ns
tPHL
S0 to Cn
tPLH
Propagation Delay
3.5
6.5
11.0
3.5
11.0
ns
tPHL
S1 to An or Bn
tPLH
Propagation Delay
2.0
5.0
9.0
2.0
9.0
ns
tPHL
PINV to A8 or B8
tPZH
Output Enable Time
2.0
4.0
6.5
2.0
6.5
ns
tPZL
An, Cn
tPHZ
Output Disable Time
1.5
4.0
6.0
1.5
6.0
ns
tPLZ
An, Cn
tPZH
Output Enable Time
2.0
5.0
7.0
2.0
7.0
ns
tPZL
Bn
tPHZ
Output Disable Time
2.0
5.0
7.0
2.0
7.0
ns
tPLZ
Bn
Symbol
Parameter
TA = +25°CTA = 0°C to +70°C
Units
VCC = +5.0V
VCC = +5.0V
CL = 50 pF
CL = 50 pF
Min
Typ
Max
Min
Max
tS(H)
Setup Time, HIGH or LOW
4.0
2.0
4.0
ns
tS(L)
An to LEAC, Bn to LEBC
tH(H)
Hold Time, HIGH or LOW
1.0
−2.0
1.0
ns
tH(L)
An to LEAC, Bn to LEBC
tS(H)
Setup Time, HIGH or LOW
3.0
1.0
3.0
ns
tS(L)
Cn to LECA or LECB
tH(H)
Hold Time, HIGH or LOW
1.0
−1.0
1.0
ns
tH(L)
Cn to LECA or LECB
tW(H)
LE Pulse Width LOW
8.0
4.0
8.0
ns
Symbol
Parameter
TA = 0°C to +70°CTA = 0°C to +70°C
Units
VCC = +5.0V
VCC = +5.0V
CL = 50 pF
CL = 250 pF
Nine Outputs Switching
(Note 6)
(Note 5)
Min
Max
Min
Max
tPLH
Propagation Delay


Similar Part No. - 74FR900

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74FR9240 FAIRCHILD-74FR9240 Datasheet
41Kb / 5P
   9-Bit Buffer/Line Driver with 3-STATE Outputs
74FR9240SC FAIRCHILD-74FR9240SC Datasheet
41Kb / 5P
   9-Bit Buffer/Line Driver with 3-STATE Outputs
74FR9240SPC FAIRCHILD-74FR9240SPC Datasheet
41Kb / 5P
   9-Bit Buffer/Line Driver with 3-STATE Outputs
74FR9244 FAIRCHILD-74FR9244 Datasheet
41Kb / 5P
   9-Bit Buffer/Line Driver with 3-STATE Outputs
74FR9244SC FAIRCHILD-74FR9244SC Datasheet
41Kb / 5P
   9-Bit Buffer/Line Driver with 3-STATE Outputs
More results

Similar Description - 74FR900

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74FR25900 FAIRCHILD-74FR25900 Datasheet
49Kb / 7P
   9-Bit, 3-Port Latchable Datapath Multiplexer with 25W Output Series Resistors
logo
National Semiconductor ...
74ABT3284 NSC-74ABT3284 Datasheet
170Kb / 12P
   18-Bit Synchronous Datapath Multiplexer
74AC899 NSC-74AC899 Datasheet
214Kb / 14P
   9-Bit Latchable Transceiver with Parity Generator/Checker
logo
Fairchild Semiconductor
74ABT899 FAIRCHILD-74ABT899 Datasheet
128Kb / 16P
   9-Bit Latchable Transceiver with Parity Generator/Checker
logo
National Semiconductor ...
54ACT899 NSC-54ACT899 Datasheet
311Kb / 12P
   9-Bit Latchable Transceiver with Parity Generator/Checker
logo
Texas Instruments
SN74BCT899 TI1-SN74BCT899 Datasheet
120Kb / 8P
[Old version datasheet]   9-BIT LATCHABLE TRANSCEIVER WITH PARITY GENERATOR/CHECKER
logo
Fairchild Semiconductor
74F899 FAIRCHILD-74F899 Datasheet
89Kb / 12P
   9-Bit Latchable Transceiver with Parity Generator/Checker
74ACT899 FAIRCHILD-74ACT899 Datasheet
78Kb / 9P
   9-Bit Latchable Transceiver with Parity Generator/Checker
logo
Aeroflex Circuit Techno...
UT54ACTS899 AEROFLEX-UT54ACTS899 Datasheet
171Kb / 17P
   9-bit Latchable Transceiver with Parity Generator/Checker
logo
ON Semiconductor
MC10E171 ONSEMI-MC10E171 Datasheet
101Kb / 4P
   3-BIT 4:1 MULTIPLEXER
REV 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com