Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADN4691E Datasheet(PDF) 3 Page - Analog Devices

Part No. ADN4691E
Description  High Speed Evaluation Board for Half-Duplex M-LVDS Transceivers
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

ADN4691E Datasheet(HTML) 3 Page - Analog Devices

   
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Evaluation Board User Guide
UG-390
Rev. 0 | Page 3 of 8
EVALUATION BOARD CONFIGURATION
SETTING UP THE EVALUATION BOARD
The EVAL-ADN469xEHDEBZ allows the ADN4690E/
ADN4691E/ADN4694E/ADN4696E to be quickly and easily
evaluated. The evaluation board allows all of the input and
output functions to be exercised without the need for external
components. Jumper configurations are shown in Table 2.
The board is powered by connecting a 3.3 V power supply
to the screw terminals for VCC and GND. Supply current is
typically 16 mA with both driver and receiver enabled, or 1 mA
with both disabled. A 10 µF decoupling capacitor, C1, is fitted
at the connector between VCC and GND. The VCC pin of the
ADN469xE is fitted with a decoupling capacitor of 100 nF.
An example evaluation of the ADN4690E/ADN4691E/
ADN4694E/ADN4696E driver is shown in Figure 2. A
signal generator is connected to DI with an input signal of
50 MHz (ADN4690E/ADN4694E) or 100 MHz (ADN4691E/
ADN4696E), with a 50% duty cycle and swing of between 0 V
and 3.3 V. Jumpers LK1 and LK2 are connected in Position A to
disable the receiver and enable the driver. Oscilloscope probes
are connected to DI, A, and B.
Similarly, an evaluation of the ADN4690E/ADN4691E/
ADN4694E/ADN4696E receiver is shown in Figure 3. A signal
generator capable of applying a differential input signal is
connected to J5 and J6, with the input swing between 1 V and
1.2 V (J6 input the inverse of J5 input). Jumpers LK1 and LK2
are connected in Position B to enable the receiver and disable
the driver. Oscilloscope probes are attached to RO, A, and B.
EVALUATION WITH APPLICATIONS
Two EVAL-ADN469xEHDEBZ boards can be connected
together in a point-to-point configuration as shown in Figure 4.
In order to allow part evaluation with a load equivalent to a
parallel-terminated bus, the boards have been fitted with 50 Ω
termination resistors. For the point-to-point configuration in
Figure 4, these should be replaced with resistors of 100 Ω.
A signal generator is connected onto one board’s DI input. This
boards A and B outputs are respectively connected to the
second board’s A and B inputs.
Connecting probes to DI on the first board, and A, B, and RO
on the second, the propagation of the input signal across the
bus and to the receiver output of the second board can be
observed and evaluated.
Alternatively, the EVAL-ADN469xEHDEBZ can be connected
to an existing bus and a control board as shown in Figure 5 in
order to test the performance in the application. In this case,
both termination resistors should be removed, as well as the
jumpers on LK1 and LK2. Control signals should be connected
to RO, RE, DE, and DI.
RE
J2
LK1
LK2
DE
J3
DI
J4
B
A
J6
A B
J5
RO
J1
RO
DE
RE
DI
GND
GND
GND
GND
J9
VCC
3.3V POWER
SUPPLY
SIGNAL
GENERATOR
EVAL-ADN469xEHDEBZ
OSCILLOSCOPE
Figure 2. ADN4690E/ADN4691E/ ADN4694E/ADN4696E Driver Evaluation with EVAL-ADN469xEHDEBZ
RE
J2
LK1
LK2
DE
J3
DI
J4
B
A
J6
A B
J5
RO
J1
RO
DE
RE
DI
GND
GND
GND
GND
J9
VCC
EVAL-ADN469xEHDEBZ
3.3V POWER
SUPPLY
SIGNAL
GENERATOR
OSCILLOSCOPE
Figure 3. ADN4690E/ADN4691E/ ADN4694E/ADN4696E Receiver Evaluation with EVAL-ADN469xEHDEBZ


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn