Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADN4691E Datasheet(PDF) 7 Page - Analog Devices

Part No. ADN4691E
Description  High Speed Evaluation Board for Half-Duplex M-LVDS Transceivers
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

ADN4691E Datasheet(HTML) 7 Page - Analog Devices

   
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Evaluation Board User Guide
UG-390
Rev. 0 | Page 7 of 8
ORDERING INFORMATION
BILL OF MATERIALS
Table 3.
Quantity
Reference
Designator
Description
Supplier/Part Number
2
C1, C2
Not placed/optional
N/A
1
C3
Capacitor, 100 nF, 0805
Multicomp/MCCA000274
1
C9
Capacitor, 10 µF, 0805
AVX/0805ZD106KAT2A
4
A, DE, TXD, Y
Test point, yellow
Vero Technologies/20-313140
4
B, RE, RO, Z
Test point, green
Vero Technologies/20-313138
6
GND (GND1 to GND7)
Test point, black (optional)
Vero Technologies/20-2137
6
J1 to J6
Connector, SMB jack
Multicomp/24-14-2-TGG
1
J9
Terminal block, 2 way
Lumberg/KRM 02
2
LK1, LK2
3-pin (1 × 3) 0.1" header and shorting block
Harwin/M20-9990346 & M7566-05
1
R1
Resistor, 0 Ω, 0805
Vishay Draloric/CRCW08050000Z0EA
1
RT
Resistor, 100 Ω, 0402
Vishay Draloric /CRCW0402100RFKEAHP
1
U1
8-lead SOIC (not placed)
Analog Devices/ADN4690E, ADN4691E, ADN4694E, or
ADN4696E
1
VCC
Test point, red
Vero Technologies/20-313137
RELATED LINKS
Resource
Description
ADN4690E
Product Page, 3.3 V, 100 Mbps, Half-Duplex, High Speed M-LVDS Transceiver with Type 1 Receiver
ADN4691E
Product Page, 3.3 V, 200 Mbps, Half-Duplex, High Speed M-LVDS Transceiver with Type 1 Receiver
ADN4694E
Product Page, 3.3 V, 100 Mbps, Half-Duplex, High Speed M-LVDS Transceiver with Type 2 Receiver
ADN4696E
Product Page, 3.3 V, 200 Mbps, Half-Duplex, High Speed M-LVDS Transceiver with Type 2 Receiver


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn