Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADN4691E Datasheet(PDF) 5 Page - Analog Devices

Part No. ADN4691E
Description  High Speed Evaluation Board for Half-Duplex M-LVDS Transceivers
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

ADN4691E Datasheet(HTML) 5 Page - Analog Devices

   
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Evaluation Board User Guide
UG-390
Rev. 0 | Page 5 of 8
EVALUATION BOARD SCHEMATIC AND LAYOUT
J5
J2
J1
J3
J4
RE
RE
RE
J6
DE
RO
DI
A
B
B
A
LK1
B
A
LK2
GND GND1
GND4 GND5 GND6 GND7
C2
DNI
C9
10uF
1 RO
2
3 DE
4 DI
8
VCC 7
B 6
A 5
GND
U1
ADN4690E/91E/94E/96E
VCC
C3
100nF
+3.3V
RO
A
B
+3.3V
+3.3V
DI
DE
Figure 6. EVAL-ADN469xEHDEBZ Schematic
Figure 7. EVAL-ADN469xEHDEBZ Silkscreen


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn