Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADN4691E Datasheet(PDF) 4 Page - Analog Devices

Part No. ADN4691E
Description  High Speed Evaluation Board for Half-Duplex M-LVDS Transceivers
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

ADN4691E Datasheet(HTML) 4 Page - Analog Devices

   
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
UG-390
Evaluation Board User Guide
Rev. 0 | Page 4 of 8
RE
J2
LK1
LK2
DE
J3
DI
J4
B
A
J6
A B
J5
RO
J1
RO
DE
RE
DI
GND
GND
GND
GND
J9
VCC
EVAL-ADN469xEHDEBZ
RE
J2
LK1
LK2
DE
J3
DI
J4
B
A
J6
A B
J5
RO
J1
RO
DE
RE
DI
GND
GND
GND
GND
J9
VCC
EVAL-ADN469xEHDEBZ
3.3V POWER
SUPPLY
3.3V POWER
SUPPLY
OSCILLOSCOPE
SEE NOTE
SIGNAL
GENERATOR
NOTES
1. REPLACE 50Ω RESISTORS WITH 100Ω WHEN EVALUATING TWO BOARDS CONNECTED TOGETHER.
Figure 4. EVAL-ADN469xEHDEBZ Two Board Point-to-Point Evaluation
RE
J2
LK1
LK2
DE
J3
DI
J4
B
A
J6
A B
J5
RO
J1
RO
DE
RE
DI
GND
GND
GND
GND
J9
VCC
EVAL-ADN469xEHDEBZ
RT
RT
MASTER
SLAVE
SLAVE
A
B
A
B
A
B
TEST NODE
CONTROLLER
3.3V POWER
SUPPLY
NODE 2
NODE 1
NODE N
NOTES
1. REMOVE 50Ω TERMINATION RESISTOR FROM EVALUATION BOARD.
2. MAXIMUM NUMBER OF NODES: 32.
3. RT IS EQUALTO THE CHARACTERISTIC IMPEDANCE OF THE CABLE USED.
Figure 5. EVAL-ADN469xEHDEBZ Application Evaluation Connected to Bus and Control Board
Table 2. Jumper Configuration
Link
Connection
Description
LK1
A
Connects RE to VCC (disables receiver output). Disconnect J2 input.
B
Connects RE to GND (enables receiver output). Disconnect J2 input.
None
Allows RE input on J2.
LK2
A
Connects DE to VCC (enables driver outputs). Disconnect J3 input.
B
Connects DE to GND (disables driver outputs). Disconnect J3 input.
None
Allows DE input on J3.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn