Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADN4690E Datasheet(PDF) 1 Page - Analog Devices

Part No. ADN4690E
Description  High Speed Evaluation Board for Half-Duplex M-LVDS Transceivers
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

ADN4690E Datasheet(HTML) 1 Page - Analog Devices

   
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Evaluation Board User Guide
UG-390
One Technology Way • P.O. Box 9106 • Norwood, MA 02062-9106, U.S.A. • Tel: 781.329.4700 • Fax: 781.461.3113 • www.analog.com
High Speed Evaluation Board for Half-Duplex M-LVDS Transceivers
(ADN4690E, ADN4691E, ADN4694E, and ADN4696E)
PLEASE SEE THE LAST PAGE FOR AN IMPORTANT
WARNING AND LEGAL TERMS AND CONDITIONS.
Rev. 0 | Page 1 of 8
FEATURES
Easy evaluation of half-duplex M-LVDS transceivers:
ADN4690E, ADN4691E, ADN4694E, and ADN4696E
Board layout optimized for high speed signaling
Matched track lengths on M-LVDS input/output differential
pairs with controlled 50 Ω impedance tracks
SMB jack inputs/outputs for high-speed connections:
Logic signals RO, RE, DE, and DI
M-LVDS bus signals A, B
Power/ground connections through screw terminal blocks
Jumper selectable enable/disable for RE and DE
Test points for measuring all signals, multiple ground points
to facilitate probing of multiple signals
50 Ω termination resistors across A and B to simulate
double-terminated bus
APPLICATIONS
Half-duplex M-LVDS part evaluation
EVALUATION KIT CONTENTS
One each
EVAL-ADN469xEHDEBZ
ADN4690EBRZ
ADN4691EBRZ
ADN4694EBRZ
ADN4696EBRZ
EVAL-ADN469xEHDEBZ
Figure 1.
GENERAL DESCRIPTION
The EVAL-ADN469xEHDEBZ allows quick and easy evaluation
of half-duplex M-LVDS transceivers (ADN4690E, ADN4691E,
ADN4694E, and ADN4696E). The evaluation board allows all of
the input and output functions to be exercised without the need
for external components. Screw terminal blocks provide convenient
connections for power and ground, with SMB jack connectors
for high speed logic and M-LVDS bus signals.
The evaluation board has an 8-lead SOIC footprint for a half-
duplex M-LVDS transceiver from the ADN469xE family (see
Table 1).
Table 1. ADN469xE Selection Table
Part No.
Receiver Type
Data Rate
Package
Half-/Full-Duplex
Evaluation Board
ADN4690E
Type 1
100 Mbps
8-lead SOIC
Half
EVAL-ADN469xEHDEBZ
ADN4691E
Type 1
200 Mbps
8-lead SOIC
Half
EVAL-ADN469xEHDEBZ
ADN4692E
Type 1
100 Mbps
14-lead SOIC
Full
EVAL-ADN469xEFDEBZ
ADN4693E
Type 1
200 Mbps
14-lead SOIC
Full
EVAL-ADN469xEFDEBZ
ADN4694E
Type 2
100 Mbps
8-lead SOIC
Half
EVAL-ADN469xEHDEBZ
ADN4695E
Type 2
100 Mbps
14-lead SOIC
Full
EVAL-ADN469xEFDEBZ
ADN4696E
Type 2
200 Mbps
8-lead SOIC
Half
EVAL-ADN469xEHDEBZ
ADN4697E
Type 2
200 Mbps
14-lead SOIC
Full
EVAL-ADN469xEFDEBZ


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn