Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AI9943 Datasheet(PDF) 13 Page - A1 PROs co., Ltd.

Part # AI9943
Description  acomplete analog signal processor for CCD applications
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

AI9943 Datasheet(HTML) 13 Page - A1 PROs co., Ltd.

Back Button AI9943 Datasheet HTML 9Page - A1 PROs co., Ltd. AI9943 Datasheet HTML 10Page - A1 PROs co., Ltd. AI9943 Datasheet HTML 11Page - A1 PROs co., Ltd. AI9943 Datasheet HTML 12Page - A1 PROs co., Ltd. AI9943 Datasheet HTML 13Page - A1 PROs co., Ltd. AI9943 Datasheet HTML 14Page - A1 PROs co., Ltd. AI9943 Datasheet HTML 15Page - A1 PROs co., Ltd. AI9943 Datasheet HTML 16Page - A1 PROs co., Ltd. AI9943 Datasheet HTML 17Page - A1 PROs co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
13
Ai9943
A/D Converter
The ADC uses a 2 V input range. Better noise
performance results from using a larger ADC
full-scale range. The ADC uses a pipelined
architecture with a 2 V full-scale input for low
noise performance.
Variable Gain Amplifier
The VGA stage provides a gain range of 6 dB to
40 dB, programmable with 10-bit resolution
through the serial digital interface. The
minimum gain of 6 dB is needed to match a 1 V
input signal with the ADC full-scale range of
2V. A plot of the VGA gain curve is shown on
the right.
×
VGA Gain (dB) = (VGA Code
0.035dB) +5.3 dB


Similar Part No. - AI9943

ManufacturerPart #DatasheetDescription
logo
A-Data Technology
AI920 A-DATA-AI920 Datasheet
454Kb / 2P
   i-Memory Flash Drive Memory Flash Drive AI920
AI920JETBLACK A-DATA-AI920JETBLACK Datasheet
539Kb / 2P
   MFi-Certified
More results

Similar Description - AI9943

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
VSP3200 BURR-BROWN-VSP3200 Datasheet
358Kb / 16P
   CCD SIGNAL PROCESSOR FOR SCANNER APPLICATIONS
logo
Texas Instruments
VSP3200 TI1-VSP3200_14 Datasheet
870Kb / 6P
[Old version datasheet]   CCD SIGNAL PROCESSOR FOR SCANNER APPLICATIONS
logo
Holtek Semiconductor In...
HT82V38 HOLTEK-HT82V38 Datasheet
137Kb / 16P
   16-Bit CCD/CIS Analog Signal Processor
logo
Unisonic Technologies
M1008 UTC-M1008 Datasheet
372Kb / 11P
   16-BIT CCD/CIS ANALOG SIGNAL PROCESSOR
logo
Holtek Semiconductor In...
HT82V14 HOLTEK-HT82V14 Datasheet
115Kb / 12P
   14-Bit CCD/CIS Analog Signal Processor
HT82V842A HOLTEK-HT82V842A Datasheet
230Kb / 18P
   10-Bit 20MSPS CCD Analog Signal Processor
HT82V16 HOLTEK-HT82V16 Datasheet
139Kb / 12P
   16-Bit CCD/CIS Analog Signal Processor
HT82V26A HOLTEK-HT82V26A_12 Datasheet
176Kb / 17P
   16-Bit CCD/CIS Analog Signal Processor
HT82V36 HOLTEK-HT82V36 Datasheet
123Kb / 10P
   16-Bit CCD/CIS Analog Signal Processor
HT82V38 HOLTEK-HT82V38_14 Datasheet
164Kb / 16P
   16-Bit CCD/CIS Analog Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com