Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AI353 Datasheet(PDF) 1 Page - A1 PROs co., Ltd.

Part # AI353
Description  a 570K pixels CCD area sensor for PAL 1/3 inch video cameras
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

AI353 Datasheet(HTML) 1 Page - A1 PROs co., Ltd.

  AI353 Datasheet HTML 1Page - A1 PROs co., Ltd. AI353 Datasheet HTML 2Page - A1 PROs co., Ltd. AI353 Datasheet HTML 3Page - A1 PROs co., Ltd. AI353 Datasheet HTML 4Page - A1 PROs co., Ltd. AI353 Datasheet HTML 5Page - A1 PROs co., Ltd. AI353 Datasheet HTML 6Page - A1 PROs co., Ltd. AI353 Datasheet HTML 7Page - A1 PROs co., Ltd. AI353 Datasheet HTML 8Page - A1 PROs co., Ltd. AI353 Datasheet HTML 9Page - A1 PROs co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
1/3 inch CCD Image Sensor for PAL Camera
A1 PROs
Ai353
Ver0.1
4
NC
V
RG
VP
VSUB
GND
VDD
16
15
14
13
12
11
10
9
Hφ2
1
2
3
4
5
6
7
8
GND
VGG
VSS
VOUT
Vφ4
Vφ3
Vφ2
Vφ1
Hφ1
NC
VRG
PT
VSUB
GND
VDD
16
15
14
13
12
11
10
9
Hφ2
1
2
3
4
5
6
7
8
GND
NC
NC
VOUT
Vφ4
Vφ3
Vφ2
Vφ1
Hφ1
16 Pin Plastic - DIP
( Top View )
1.1 General Description
The A
i353 is a 570K pixels CCD area sensor
for PAL 1/3 inch video cameras. Buried
photodiodes and micro lenses are adopted for
low noise, low smear and high sensitivity. A
chrominance signal is achieved by the adoption
of
Yellow,
Magenta,
Cyan
and
Green
complementary
color
mosaic
filters.
This
product also has the features of strong anti-
blooming and electronic shutter with variable
charge-storage time.
1.2 Features
Micro lens arrays for high sensitivity
Ye, Mg, Cy and G complementary color mosaic filters
Excellent blooming suppression
TTL level(3.3V) operation on HCCD & RG electrodes
16 pin plastic DIP type package
Variable electronic shutter of 1/50 to 1/100,000 sec
High sensitivity and low smear
Low image lag
1.3 Device Constitution
Architecture : IT - CCD
Optical size : 1/3 inch format
Number of effective pixels :
976 (H) x 582 (V) = 568,032 pixels
Number of total pixels :
1020 (H) x 596 (V) = 607,920 pixels
Pixel size : 5.0 (H) x 6.3 (V) ㎛2
Optical black area
Horizontal direction : Front 4 pixels Rear 40 pixels
Vertical direction
: Front 12 pixels Rear 2 pixels
Number of dummy bits
Horizontal direction : Front 12 pixels Rear - pixels
Vertical direction
: Front 1 pixels Rear - pixels
Optical black position ( Top View )
1. Overview
40
Pin1
Pin9
Unit : Pixels
1020
12
582
12 OB
2 OB
4
566
960
8
Transient
8
Transient
8
8


Similar Part No. - AI353

ManufacturerPart #DatasheetDescription
logo
A1 PROs co., Ltd.
AI351 A1PROS-AI351 Datasheet
915Kb / 25P
   a 480K pixels CCD area sensor for NTSC 1/3 inch video cameras
More results

Similar Description - AI353

ManufacturerPart #DatasheetDescription
logo
A1 PROs co., Ltd.
AI339 A1PROS-AI339 Datasheet
946Kb / 25P
   a 440K pixels CCD area sensor for PAL 1/3 inch video cameras
AI338 A1PROS-AI338 Datasheet
947Kb / 25P
   a 380K pixels CCD area sensor for NTSC 1/3 inch video cameras
AI351 A1PROS-AI351 Datasheet
915Kb / 25P
   a 480K pixels CCD area sensor for NTSC 1/3 inch video cameras
logo
Sony Corporation
ICX405AK SONY-ICX405AK Datasheet
203Kb / 18P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Video Cameras
ICX055BK SONY-ICX055BK Datasheet
210Kb / 19P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Video Cameras
ICX409AK SONY-ICX409AK Datasheet
206Kb / 18P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Video Cameras
ICX081AK SONY-ICX081AK Datasheet
227Kb / 19P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Video Cameras
ICX255AK SONY-ICX255AK Datasheet
197Kb / 18P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Video Cameras
ICX259AK SONY-ICX259AK Datasheet
200Kb / 18P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Video Cameras
logo
A1 PROs co., Ltd.
AI329CA A1PROS-AI329CA Datasheet
58Kb / 8P
   1/3 inch CCD Image Sensor for PAL Camera
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com