Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74F828 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # 74F828
Description  10-Bit Buffers/Line Drivers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F828 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  74F828 Datasheet HTML 1Page - Fairchild Semiconductor 74F828 Datasheet HTML 2Page - Fairchild Semiconductor 74F828 Datasheet HTML 3Page - Fairchild Semiconductor 74F828 Datasheet HTML 4Page - Fairchild Semiconductor 74F828 Datasheet HTML 5Page - Fairchild Semiconductor 74F828 Datasheet HTML 6Page - Fairchild Semiconductor 74F828 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
www.fairchildsemi.com
AC Electrical Characteristics
Symbol
Parameter
TA = +25°CTA = −55°C to +125°CTA = 0°C to +70°C
Units
VCC = +5.0V
VCC = +5.0V
VCC = +5.0V
CL = 50 pF
CL = 50 pF
CL = 50 pF
Min
Typ
Max
Min
Max
Min
Max
tPLH
Propagation Delay
1.0
3.0
5.5
1.0
7.5
1.0
6.5
ns
tPHL
Data to Output (74F827)
1.5
3.3
5.5
1.5
7.0
1.5
6.0
tPLH
Propagation Delay
1.0
3.0
5.0
1.0
5.5
ns
tPHL
Data to Output (74F828)
1.0
2.0
4.0
1.0
4.0
tPZH
Output Enable Time
3.0
5.7
9.0
2.5
10.0
2.5
9.5
ns
tPZL
OE to On
3.5
6.8
11.5
3.0
12.5
3.0
12.0
tPHZ
Output Disable Time
1.5
3.3
8.0
1.5
9.0
1.5
8.5
ns
tPLZ
OE to On
1.0
3.5
8.0
1.0
9.0
1.0
8.5


Similar Part No. - 74F828

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
74F828 NSC-74F828 Datasheet
164Kb / 8P
   10-Bit Buffers/Line Drivers
logo
NXP Semiconductors
74F828 PHILIPS-74F828 Datasheet
97Kb / 12P
   10-bit buffer/line driver, non-inverting 3-State
1994 Dec 5
logo
National Semiconductor ...
74F828SC NSC-74F828SC Datasheet
164Kb / 8P
   10-Bit Buffers/Line Drivers
74F828SPC NSC-74F828SPC Datasheet
164Kb / 8P
   10-Bit Buffers/Line Drivers
More results

Similar Description - 74F828

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54F827SDM NSC-54F827SDM Datasheet
164Kb / 8P
   10-Bit Buffers/Line Drivers
logo
Texas Instruments
CY74FCT163244 TI-CY74FCT163244 Datasheet
63Kb / 7P
[Old version datasheet]   16-Bit Buffers/Line Drivers
CY74FCT16827T TI-CY74FCT16827T Datasheet
62Kb / 7P
[Old version datasheet]   20-Bit Buffers/Line Drivers
CY5474FCT540T TI-CY5474FCT540T Datasheet
82Kb / 8P
[Old version datasheet]   8-Bit Buffers/Line Drivers
CY74FCT16240T TI-CY74FCT16240T Datasheet
127Kb / 11P
[Old version datasheet]   16-Bit Buffers/Line Drivers
CY74FCT16240T TI1-CY74FCT16240T_15 Datasheet
476Kb / 13P
[Old version datasheet]   16-Bit Buffers/Line Drivers
CY74FCT16244T TI-CY74FCT16244T Datasheet
64Kb / 8P
[Old version datasheet]   16-Bit Buffers/Line Drivers
CY74FCT2240T TI-CY74FCT2240T Datasheet
57Kb / 6P
[Old version datasheet]   8-Bit Buffers/Line Drivers
CY5474FCT240T TI-CY5474FCT240T Datasheet
97Kb / 8P
[Old version datasheet]   8-Bit Buffers/Line Drivers
CY74FCT163244 TI1-CY74FCT163244_05 Datasheet
132Kb / 10P
[Old version datasheet]   16-Bit Buffers/Line Drivers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com