Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74F827 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part No. 74F827
Description  10-Bit Buffers/Line Drivers
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

74F827 Datasheet(HTML) 5 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
www.fairchildsemi.com
AC Electrical Characteristics
Symbol
Parameter
TA = +25°CTA = −55°C to +125°CTA = 0°C to +70°C
Units
VCC = +5.0V
VCC = +5.0V
VCC = +5.0V
CL = 50 pF
CL = 50 pF
CL = 50 pF
Min
Typ
Max
Min
Max
Min
Max
tPLH
Propagation Delay
1.0
3.0
5.5
1.0
7.5
1.0
6.5
ns
tPHL
Data to Output (74F827)
1.5
3.3
5.5
1.5
7.0
1.5
6.0
tPLH
Propagation Delay
1.0
3.0
5.0
1.0
5.5
ns
tPHL
Data to Output (74F828)
1.0
2.0
4.0
1.0
4.0
tPZH
Output Enable Time
3.0
5.7
9.0
2.5
10.0
2.5
9.5
ns
tPZL
OE to On
3.5
6.8
11.5
3.0
12.5
3.0
12.0
tPHZ
Output Disable Time
1.5
3.3
8.0
1.5
9.0
1.5
8.5
ns
tPLZ
OE to On
1.0
3.5
8.0
1.0
9.0
1.0
8.5


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn