Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MOC3020 Datasheet(PDF) 4 Page - Motorola, Inc

Part No. MOC3020
Description  6-Pin DIP Random-Phase Optoisolators Triac Driver Output
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo 

MOC3020 Datasheet(HTML) 4 Page - Motorola, Inc

   
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MOC3021 MOC3022 MOC3023
4
Motorola Optoelectronics Device Data
Rin
1
2
6
4
360
MOC
3021/
3022/
3023
470
0.05
µF
Figure 8. Typical Application Circuit
3
5
0.01
µF
39
HOT
240
VAC
GROUND
LOAD
VCC
* This optoisolator should not be used to drive a load directly. It is in-
tended to be a trigger device only.
In this circuit the “hot” side of the line is switched and the
load connected to the cold or ground side.
The 39 ohm resistor and 0.01
µF capacitor are for snub-
bing of the triac, and the 470 ohm resistor and 0.05
µF ca-
pacitor are for snubbing the coupler. These components
may or may not be necessary depending upon the particu-
lar triac and load used.
Additional information on the use of optically coupled triac
drivers is available in Application Note AN–780A.


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn