Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74F623SC Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # 74F623SC
Description  Inverting Octal Bus Transceiver with 3-STATE Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F623SC Datasheet(HTML) 4 Page - Fairchild Semiconductor

  74F623SC Datasheet HTML 1Page - Fairchild Semiconductor 74F623SC Datasheet HTML 2Page - Fairchild Semiconductor 74F623SC Datasheet HTML 3Page - Fairchild Semiconductor 74F623SC Datasheet HTML 4Page - Fairchild Semiconductor 74F623SC Datasheet HTML 5Page - Fairchild Semiconductor 74F623SC Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
Symbol
Parameter
TA = +25°CTA = 0°C to +70°C
Units
VCC = +5.0V
VCC = +5.0V
CL = 50 pF
CL = 50 pF
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
2.5
7.5
2.0
8.0
ns
tPHL
A Input to B Output (74F620)
2.0
7.0
2.0
7.0
tPLH
Propagation Delay
2.5
7.5
2.0
8.0
ns
tPHL
B Input to A Output (74F620)
2.0
7.0
2.0
7.0
tPLH
Propagation Delay
1.5
6.5
1.5
7.5
ns
tPHL
A Input to B Output (74F623)
2.0
7.0
2.0
7.5
tPLH
Propagation Delay
1.5
6.5
1.5
7.5
ns
tPHL
B Input to A Output (74F623)
2.0
7.0
2.0
7.5
tPZH
Enable Time
2.0
7.0
2.0
8.0
ns
tPZL
GBA Input to A Output
2.5
8.0
2.0
8.5
tPHZ
Disable Time
1.5
6.5
1.5
7.5
tPLZ
GBA Input to A Output
1.0
5.5
1.0
5.5
tPZH
Enable Time
2.0
7.5
2.0
8.5
ns
tPZL
GAB Input to B Output (74F620)
3.0
8.0
2.0
8.5
tPHZ
Disable Time
2.5
8.0
2.0
9.0
tPLZ
GAB Input to B Output (74F620)
2.0
7.5
2.0
8.0
tPZH
Enable Time
2.0
7.5
2.0
8.5
ns
tPZL
GAB Input to B Output (74F623)
2.5
8.0
2.0
8.5
tPHZ
Disable Time
2.0
8.0
2.0
9.0
tPLZ
GAB Input to B Output (74F623)
2.0
8.0
2.0
8.0


Similar Part No. - 74F623SC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F623 PHILIPS-74F623 Datasheet
96Kb / 12P
   Octal bus transceiver, inverting 3tate
1989 Apr 06
More results

Similar Description - 74F623SC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC640 STMICROELECTRONICS-M74HC640 Datasheet
307Kb / 11P
   OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS (INVERTING)
logo
Unisonic Technologies
U74LVC640 UTC-U74LVC640 Datasheet
208Kb / 5P
   OCTAL BUS TRANSCEIVER WITH 3-STATE INVERTING OUTPUTS
logo
Motorola, Inc
MC74F640 MOTOROLA-MC74F640 Datasheet
88Kb / 4P
   OCTAL BUS TRANSCEIVER, INVERTING WITH 3-STATE OUTPUTS
logo
STMicroelectronics
M74HC643 STMICROELECTRONICS-M74HC643 Datasheet
338Kb / 11P
   OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS INVERTING/NON INVERTING
M74HC623 STMICROELECTRONICS-M74HC623 Datasheet
316Kb / 11P
   OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS (NON INVERTING)
logo
Motorola, Inc
MC74F620 MOTOROLA-MC74F620 Datasheet
108Kb / 5P
   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS (INVERTING AND NONINVERTING)
logo
NXP Semiconductors
74HC640 PHILIPS-74HC640 Datasheet
47Kb / 6P
   Octal bus transceiver; 3-state; inverting
March 1988
logo
IK Semicon Co., Ltd
IN74LV640 IKSEMICON-IN74LV640 Datasheet
257Kb / 5P
   Octal 3-State Inverting Bus Transceiver
logo
Integral Corp.
IN74LV640 INTEGRAL-IN74LV640 Datasheet
44Kb / 5P
   Octal 3-State Inverting Bus Transceiver
IN74LV620 INTEGRAL-IN74LV620 Datasheet
135Kb / 5P
   OCTAL 3-STATE INVERTING BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com