Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MOC3010 Datasheet(PDF) 1 Page - Motorola, Inc

Part No. MOC3010
Description  6-Pin DIP Random-Phase Optoisolators Triac Driver Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MOC3010 Datasheet(HTML) 1 Page - Motorola, Inc

  MOC3010 Datasheet HTML 1Page - Motorola, Inc MOC3010 Datasheet HTML 2Page - Motorola, Inc MOC3010 Datasheet HTML 3Page - Motorola, Inc MOC3010 Datasheet HTML 4Page - Motorola, Inc MOC3010 Datasheet HTML 5Page - Motorola, Inc MOC3010 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Motorola Optoelectronics Device Data
6-Pin DIP Random-Phase
Optoisolators Triac Driver Output
(250 Volts Peak)
The MOC3010 Series consists of gallium arsenide infrared emitting diodes,
optically coupled to silicon bilateral switch and are designed for applications
requiring isolated triac triggering, low–current isolated ac switching, high
electrical isolation (to 7500 Vac peak), high detector standoff voltage, small
size, and low cost.
• To order devices that are tested and marked per VDE 0884 requirements, the
suffix ”V” must be included at end of part number. VDE 0884 is a test option.
Recommended for 115 Vac(rms) Applications:
• Solenoid/Valve Controls
• Lamp Ballasts
• Interfacing Microprocessors to 115 Vac Peripherals
• Motor Controls
• Static ac Power Switch
• Solid State Relays
• Incandescent Lamp Dimmers
MAXIMUM RATINGS (TA = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
INFRARED EMITTING DIODE
Reverse Voltage
VR
3
Volts
Forward Current — Continuous
IF
60
mA
Total Power Dissipation @ TA = 25°C
Negligible Power in Transistor
Derate above 25
°C
PD
100
1.33
mW
mW/
°C
OUTPUT DRIVER
Off–State Output Terminal Voltage
VDRM
250
Volts
Peak Repetitive Surge Current
(PW = 1 ms, 120 pps)
ITSM
1
A
Total Power Dissipation @ TA = 25°C
Derate above 25
°C
PD
300
4
mW
mW/
°C
TOTAL DEVICE
Isolation Surge Voltage(1)
(Peak ac Voltage, 60 Hz, 1 Second Duration)
VISO
7500
Vac(pk)
Total Power Dissipation @ TA = 25°C
Derate above 25
°C
PD
330
4.4
mW
mW/
°C
Junction Temperature Range
TJ
– 40 to +100
°C
Ambient Operating Temperature Range(2)
TA
– 40 to +85
°C
Storage Temperature Range(2)
Tstg
– 40 to +150
°C
Soldering Temperature (10 s)
TL
260
°C
1. Isolation surge voltage, VISO, is an internal device dielectric breakdown rating.
1. For this test, Pins 1 and 2 are common, and Pins 4, 5 and 6 are common.
2. Refer to Quality and Reliability Section in Opto Data Book for information on test conditions.
Preferred devices are Motorola recommended choices for future use and best overall value.
GlobalOptoisolator is a trademark of Motorola, Inc.
Order this document
by MOC3010/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
GlobalOptoisolator
© Motorola, Inc. 1995
MOC3010
MOC3011
MOC3012
*Motorola Preferred Device
COUPLER SCHEMATIC
[IFT = 15 mA Max]
STANDARD THRU HOLE
CASE 730A–04
*
[IFT = 10 mA Max]
[IFT = 5 mA Max]
1. ANODE
2. CATHODE
3. NC
4. MAIN TERMINAL
5. SUBSTRATE
DO NOT CONNECT
6. MAIN TERMINAL
1
2
3
6
5
4
STYLE 6 PLASTIC
6
1
(Replaces MOC3009/D)


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn