Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74F540 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part No. 74F540
Description  Octal Buffer/Line Driver with 3-STATE Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F540 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  74F540 Datasheet HTML 1Page - Fairchild Semiconductor 74F540 Datasheet HTML 2Page - Fairchild Semiconductor 74F540 Datasheet HTML 3Page - Fairchild Semiconductor 74F540 Datasheet HTML 4Page - Fairchild Semiconductor 74F540 Datasheet HTML 5Page - Fairchild Semiconductor 74F540 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
Symbol
Parameter
TA = +25°CTA = −55°C to +125°CTA = 0°C to +70°C
Units
VCC = +5.0V
VCC = +5.0V
VCC = +5.0V
CL = 50 pF
CL = 50 pF
CL = 50 pF
Min
Typ
Max
Min
Max
Min
Max
tPLH
Propagation Delay
1.5
3.0
5.0
1.0
6.0
1.0
5.5
ns
tPHL
Data to Output (74F540)
1.0
2.0
4.0
1.0
4.5
1.0
4.0
tPZH
Output Enable Time (74F540)
2.5
4.9
8.0
2.5
9.0
2.5
8.5
ns
tPZL
3.5
5.8
10.0
3.5
11.0
3.5
10.5
tPHZ
Output Disable Time (74F540)
1.5
3.4
6.0
1.5
7.0
1.5
6.5
tPLZ
1.0
2.5
5.5
1.0
7.5
1.0
6.0
tPLH
Propagation Delay
1.5
3.3
5.5
1.5
6.0
ns
tPHL
Data to Output (74F541)
1.5
2.7
5.5
1.5
6.0
tPZH
Output Enable Time (74F541)
3.0
5.8
8.0
2.5
9.5
ns
tPZL
3.5
6.1
8.5
3.0
9.5
tPHZ
Output Disable Time (74F541)
1.5
3.4
6.0
1.5
6.5
tPLZ
1.5
2.9
5.5
1.5
6.0


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn