Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74F398 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part No. 74F398
Description  Quad 2-Port Register
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F398 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  74F398 Datasheet HTML 1Page - Fairchild Semiconductor 74F398 Datasheet HTML 2Page - Fairchild Semiconductor 74F398 Datasheet HTML 3Page - Fairchild Semiconductor 74F398 Datasheet HTML 4Page - Fairchild Semiconductor 74F398 Datasheet HTML 5Page - Fairchild Semiconductor 74F398 Datasheet HTML 6Page - Fairchild Semiconductor 74F398 Datasheet HTML 7Page - Fairchild Semiconductor 74F398 Datasheet HTML 8Page - Fairchild Semiconductor 74F398 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.fairchildsemi.com
2
Logic Symbols
74F398
74F399
IEEE/IEC
74F398
74F399
Unit Loading/Fan Out
Pin Names
Description
U.L.
Input IIH/IIL
HIGH/LOW
Output IOH/IOL
S
Common Select Input
1.0/1.0
20
µA/−0.6 mA
CP
Clock Pulse Input (Active Rising Edge)
1.0/1.0
20
µA/−0.6 mA
I0a–I0d
Data Inputs from Source 0
1.0/1.0
20
µA/−0.6 mA
I1a–I1d
Data Inputs from Source 1
1.0/1.0
20
µA/−0.6 mA
Qa–Qd
Register True Outputs
50/33.3
−1 mA/20 mA
Qa–Qd
Register Complementary Outputs (74F398)
50/33.3
−1 mA/20 mA


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn