Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADT2689SXX Datasheet(PDF) 1 Page - ADTech

Part No. ADT2689SXX
Description  High quality low current receiver IC for infrared remote control system
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ADTECH [ADTech]
Homepage  http://www.ad-tech.co.kr
Logo 

ADT2689SXX Datasheet(HTML) 1 Page - ADTech

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
* This specifications are subject to be changed without notice
http://www.ad-tech.co.kr
ADT2689SXX
General Description
Features
The ADT2689SXX is high quality low current receiver IC for infrared
remote control system.
It has a wide voltage operating such as 2.7~5.5V, a high sensitivity.
Especially, it is optimized for Sony 20bit code of LCD TV,
Set-top and etc. applications.
It has 5 trimming cells for the fined adjust of center frequency.
These ICs are capable of accepting a photodiode directly and
include many excellent circuit such as a high gain initial amplifier,
a gain control amplifier, a limiter, a double band pass filter, a detection
circuit, two comparator circuits, gain control circuits, integrator
circuits, a waveform shaping circuit assembled on a single chip.
Low current consumption ( Typ. 350uA@3V , 400uA@5V )
Maximum interference safety against VCC noise & external light noise
Acceptable Sony 20Bit codes for set-top or Toy application
Min burst length : 10 and acceptable continuous code for max. 1.2ms
Output active low


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn