Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADT2688TN Datasheet(PDF) 1 Page - ADTech

Part No. ADT2688TN
Description  Low current receiver IC for the high-end application infrared remote control system
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ADTECH [ADTech]
Homepage  http://www.ad-tech.co.kr
Logo 

ADT2688TN Datasheet(HTML) 1 Page - ADTech

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ADT2688TN
* This specifications are subject to be changed without notice
http://www.ad-tech.co.kr
General Description
Features
Wide Operating Supply Voltage 2.7V ~ 5.5 V.
Low current consumption ( Typ. 270uA@3V, 320uA@5V )
Maximum interference safety against VCC noise & light noise
Maximum distance under VCC ripple & light source noise include LCD TV
Carrier frequency 36 / 37.9 / 40 KHz available
High ESD level
Output active low
The ADT2688TN is a low current receiver IC for the high-end application infrared
remote control system. It has a wide voltage operating such as 2.7~5.5V, a very
high sensitivity.
These ICs are capable of accepting a photo diode directly and include many
excellent circuit such as a high gain initial amplifier, a gain control amplifier, a
limiter, a band pass filter, a detection circuit, two comparator circuits, gain control
circuits, integrator circuits, a waveform shaping circuit assembled on a single
chip.


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn