Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74F377SC Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # 74F377SC
Description  Octal D-Type Flip-Flop with Clock Enable
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F377SC Datasheet(HTML) 2 Page - Fairchild Semiconductor

  74F377SC Datasheet HTML 1Page - Fairchild Semiconductor 74F377SC Datasheet HTML 2Page - Fairchild Semiconductor 74F377SC Datasheet HTML 3Page - Fairchild Semiconductor 74F377SC Datasheet HTML 4Page - Fairchild Semiconductor 74F377SC Datasheet HTML 5Page - Fairchild Semiconductor 74F377SC Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.fairchildsemi.com
2
Unit Loading/Fan Out
Mode Select-Function Table
H
= HIGH Voltage Level
h
= HIGH Voltage Level one setup time prior to the LOW-to-HIGH Clock Transition
L
= LOW Voltage Level
I
= LOW Voltage Level one setup time prior to the LOW-to-HIGH Clock Transition
X
= Immaterial
 = LOW-to-HIGH Clock Transition
Logic Diagram
Please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays.
Pin Names
Description
U.L.
Input IIH/IIL
HIGH/LOW
Output IOH/IOL
D0–D7
Data Inputs
1.0/1.0
20
µA/−0.6 mA
CE
Clock Enable (Active LOW)
1.0/1.0
20
µA/−0.6 mA
CP
Clock Pulse Input
1.0/1.0
20
µA/−0.6 mA
Q0–Q7
Data Outputs
50/33.3
−1 mA/20 mA
Operating Mode
Inputs
Output
CP
CE
Dn
Qn
Load “1”

Ih
H
Load “0”

II
L
Hold

h
X
No Change
(Do Nothing)
X
H
X
No Change


Similar Part No. - 74F377SC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
74F377SC NSC-74F377SC Datasheet
143Kb / 8P
   Octal D Flip-Flop with Clock Enable
logo
Fairchild Semiconductor
74F377SC FAIRCHILD-74F377SC Datasheet
75Kb / 7P
   Octal D-Type Flip-Flop with Clock Enable
More results

Similar Description - 74F377SC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC377 FAIRCHILD-74AC377_08 Datasheet
426Kb / 13P
   Octal D-Type Flip-Flop with Clock Enable
logo
Texas Instruments
SN74F377A TI1-SN74F377A_16 Datasheet
813Kb / 13P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
74ACT11377 TI1-74ACT11377_10 Datasheet
87Kb / 6P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
SN74F377A TI-SN74F377A Datasheet
69Kb / 5P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
logo
National Semiconductor ...
54FCT377 NSC-54FCT377 Datasheet
151Kb / 8P
   Octal D-Type Flip-Flop with Clock Enable
logo
Fairchild Semiconductor
74F377 FAIRCHILD-74F377_00 Datasheet
75Kb / 7P
   Octal D-Type Flip-Flop with Clock Enable
logo
Texas Instruments
74ACT11377 TI-74ACT11377 Datasheet
71Kb / 5P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
logo
Fairchild Semiconductor
74AC377 FAIRCHILD-74AC377 Datasheet
113Kb / 9P
   Octal D-Type Flip-Flop with Clock Enable
logo
National Semiconductor ...
54ABT377 NSC-54ABT377 Datasheet
151Kb / 8P
   Octal D-Type Flip-Flop with Clock Enable
logo
Fairchild Semiconductor
74ABT377 FAIRCHILD-74ABT377 Datasheet
101Kb / 9P
   Octal D-Type Flip-Flop with Clock Enable
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com