Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS-2000-4695-0 Datasheet(PDF) 3 Page - 3M Electronics

Part # GS-2000-4695-0
Description  Identification of the substance/mixture and of the company/undertaking
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

GS-2000-4695-0 Datasheet(HTML) 3 Page - 3M Electronics

  GS-2000-4695-0 Datasheet HTML 1Page - 3M Electronics GS-2000-4695-0 Datasheet HTML 2Page - 3M Electronics GS-2000-4695-0 Datasheet HTML 3Page - 3M Electronics GS-2000-4695-0 Datasheet HTML 4Page - 3M Electronics GS-2000-4695-0 Datasheet HTML 5Page - 3M Electronics GS-2000-4695-0 Datasheet HTML 6Page - 3M Electronics GS-2000-4695-0 Datasheet HTML 7Page - 3M Electronics GS-2000-4695-0 Datasheet HTML 8Page - 3M Electronics GS-2000-4695-0 Datasheet HTML 9Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3M Scotch-Weld TL70 Anaerobic Threadlocker
__________________________________________________________________________________________
Page: 3 of 17
Eye Irrit. 2, H319; Skin Sens. 1,
H317 - Nota C,D (CLP)
1,2-Benzisothiazol-3(2H)-one 1,1-dioxide
81-07-2
EINECS 201-
321-0
0.5 - 1.5
Cumene
98-82-8
EINECS 202-
704-5
0.1 - 1
Xn:R65; Xi:R37; N:R51/53; R10
- Nota 4 (EU)
Flam. Liq. 3, H226; Asp. Tox. 1,
H304; STOT SE 3, H335;
Aquatic Chronic 2, H411 - Nota
C (CLP)
2'-Phenylacetohydrazide
114-83-0
EINECS 204-
055-3
0.1 - 1
Xi:R36-37-38; R43 (Vendor)
Xn:R21-22 (Self Classified)
Skin Irrit. 2, H315; Eye Irrit. 2,
H319; Skin Sens. 1, H317;
STOT SE 3, H335 (Vendor)
Acute Tox. 3, H311; Acute Tox.
3, H301 (Self Classified)
N,N-Dimethyl-p-toluidine
99-97-8
EINECS 202-
805-4
0.05 - 0.99
T:R23-24-25; R33; R52/53 -
Nota C (EU)
Acute Tox. 3, H331; Acute Tox.
3, H311; Acute Tox. 3, H301;
STOT RE 2, H373; Aquatic
Chronic 3, H412 - Nota C (CLP)
Optical brightener
Trade Secret
0.05 - 0.15
Please see section 16 for the full text of any R phrases and H statements referred to in this section
Please refer to section 15 for the any applicable Notas that have been applied to the above components
For information on ingredient occupational exposure limits or PBT or vPvB status, see sections 8 and 12 of this SDS
SECTION 4: First aid measures
4.1. Description of first aid measures
Eye contact
Immediately flush with large amounts of water. Remove contact lenses if easy to do. Continue rinsing. Get medical
attention.
Skin contact
Immediately wash with soap and water. Remove contaminated clothing and wash before reuse. If signs/symptoms develop,
get medical attention.
Inhalation
Remove person to fresh air. If you feel unwell, get medical attention.
If swallowed
Rinse mouth. If you feel unwell, get medical attention.
4.2. Most important symptoms and effects, both acute and delayed
See Section 11.1 Information on toxicological effects
4.3. Indication of any immediate medical attention and special treatment required
Not applicable


Similar Part No. - GS-2000-4695-0

ManufacturerPart #DatasheetDescription
logo
FCI connector
GS-20-094 FCI-CONNECTOR-GS-20-094 Datasheet
925Kb / 23P
   ZipLine Connector System
GS-20-129 FCI-CONNECTOR-GS-20-129 Datasheet
850Kb / 9P
   1mm SPACING FPC/FFC CONNECTOR DOCUMENT LIST
More results

Similar Description - GS-2000-4695-0

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
408-2648 TEC-408-2648 Datasheet
542Kb / 6P
   The care, amount of use, and handling of the dies.
logo
Shenzhen Huazhimei Semi...
HM9300 HMSEMI-HM9300 Datasheet
244Kb / 2P
   The package and pin of the chip
logo
PHOENIX CONTACT
2764975 PHOENIX-2764975 Datasheet
151Kb / 9P
   Date of manufacture and material and part identification embossed on the housing (recyclability)
logo
Linear Dimensions Semic...
DC2399 LINEAR_DIMENSIONS-DC2399 Datasheet
3Mb / 22P
   the starter kit for demonstrating the performance and ease of use of the LTC짰2984
logo
TE Connectivity Ltd
ENG_CD_0413-204-2005_- TEC-ENG_CD_0413-204-2005_- Datasheet
31Kb / 1P
   The Deutscgg Company
logo
SparkFun Electronics
BOK-11499 SPARKFUN-BOK-11499 Datasheet
122Kb / 2P
   Robotics: Discover the Science and Technology of the Future
6??1??7
logo
STMicroelectronics
AN2021 STMICROELECTRONICS-AN2021 Datasheet
880Kb / 39P
   The ST10F272B and ST10F272E are members of the STMicroelectronics
logo
List of Unclassifed Man...
88950303 ETC2-88950303 Datasheet
117Kb / 2P
   The LED continuously signals the presence of voltage at the output and, when flashing, triggering of the self-protection
logo
Zilog, Inc.
Z8ENCORE000ZAC ZILOG-Z8ENCORE000ZAC Datasheet
814Kb / 6P
   The voltage and current requirements of the Z8 Encore
logo
List of Unclassifed Man...
88950304 ETC2-88950304 Datasheet
117Kb / 2P
   The LED continuously signals the presence of voltage at the output and, when flashing, triggering of the self-protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com