Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74F368SJ Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # 74F368SJ
Description  Hex Inverter Buffer with 3-STATE Outputs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F368SJ Datasheet(HTML) 2 Page - Fairchild Semiconductor

  74F368SJ Datasheet HTML 1Page - Fairchild Semiconductor 74F368SJ Datasheet HTML 2Page - Fairchild Semiconductor 74F368SJ Datasheet HTML 3Page - Fairchild Semiconductor 74F368SJ Datasheet HTML 4Page - Fairchild Semiconductor 74F368SJ Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.fairchildsemi.com
2
Logic Symbols
IEEE/IEC
74F366
IEEE/IEC
74F368
Unit Loading/Fan Out
Function Tables
74F366
74F368
Pin Names
Description
U.L.
Input IIH/IIL
HIGH/LOW
Output IOH/IOL
OE1, OE2
Output Enable Input (Active LOW)
1.0/0.033
20
µA/−20 µA
In
Input
1.0/0.033
20
µA/−20 µA
On, On
Outputs
600/106.6 (80)
−12 mA/64 mA (48 mA)
Inputs
Output
OE1
OE2
IO
LL
L
H
LL
H
L
XH
X
Z
HX
X
Z
Inputs
Output
OE
IO
LL
H
LH
L
HX
Z
L
= LOW Voltage Level
X
= Immaterial
H
= HIGH Voltage Level
Z
= High Impedance


Similar Part No. - 74F368SJ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F368 PHILIPS-74F368 Datasheet
94Kb / 10P
   Buffers/drivers
1999 Jan 08
More results

Similar Description - 74F368SJ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74AC366 RENESAS-HD74AC366 Datasheet
194Kb / 6P
   Hex Inverter Buffer with 3-State Output
HD74AC368 RENESAS-HD74AC368 Datasheet
194Kb / 6P
   Hex Inverter Buffer with 3-State Output
logo
Hitachi Semiconductor
HD74AC366 HITACHI-HD74AC366 Datasheet
54Kb / 8P
   Hex Inverter Buffer with 3-State Output
HD74AC368 HITACHI-HD74AC368 Datasheet
53Kb / 8P
   Hex Inverter Buffer with 3-State Output
logo
Fairchild Semiconductor
74F365 FAIRCHILD-74F365 Datasheet
40Kb / 4P
   Hex Buffer/Driver with 3-STATE Outputs
logo
STMicroelectronics
M74HC366 STMICROELECTRONICS-M74HC366_01 Datasheet
246Kb / 10P
   HEX BUS BUFFER WITH 3 STATE OUTPUTS (INVERTING)
logo
NTE Electronics
NTE6885 NTE-NTE6885 Datasheet
32Kb / 4P
   Integrated Circuit Hex 3-State Buffer/Inverter
logo
STMicroelectronics
M74HC365 STMICROELECTRONICS-M74HC365_01 Datasheet
241Kb / 10P
   HEX BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTING)
logo
National Semiconductor ...
54F365 NSC-54F365 Datasheet
146Kb / 8P
   Hex Buffer/Driver with TRI-STATE Outputs
logo
Texas Instruments
SN74AUC06 TI-SN74AUC06 Datasheet
543Kb / 11P
[Old version datasheet]   HEX INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com