Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS-2000-4406-2 Datasheet(PDF) 15 Page - 3M Electronics

Part # GS-2000-4406-2
Description  Identification of the substance/mixture and of the company/undertaking
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

GS-2000-4406-2 Datasheet(HTML) 15 Page - 3M Electronics

Back Button GS-2000-4406-2 Datasheet HTML 9Page - 3M Electronics GS-2000-4406-2 Datasheet HTML 10Page - 3M Electronics GS-2000-4406-2 Datasheet HTML 11Page - 3M Electronics GS-2000-4406-2 Datasheet HTML 12Page - 3M Electronics GS-2000-4406-2 Datasheet HTML 13Page - 3M Electronics GS-2000-4406-2 Datasheet HTML 14Page - 3M Electronics GS-2000-4406-2 Datasheet HTML 15Page - 3M Electronics GS-2000-4406-2 Datasheet HTML 16Page - 3M Electronics GS-2000-4406-2 Datasheet HTML 17Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
3M Scotch-Weld TL70 Anaerobic Threadlocker
__________________________________________________________________________________________
Page: 15 of 17
Acute aquatic hazard:
GHS Acute 3: Harmful to aquatic life.
Chronic aquatic hazard:
Not chronically toxic to aquatic life by GHS criteria.
No product test data available.
No component test data available.
12.2. Persistence and degradability
No test data available.
12.3 : Bioaccumulative potential
No test data available.
12.4. Mobility in soil
Please contact manufacturer for more details
12.5. Results of the PBT and vPvB assessment
No information available at this time, contact manufacturer for more details
12.6. Other adverse effects
No information available.
SECTION 13: Disposal considerations
13.1 Waste treatment methods
Dispose of contents/ container in accordance with the local/regional/national/international regulations
Dispose of waste product in a facility permitted to accept chemical waste.
The coding of a waste stream is based on the application of the product by the consumer. Since this is out of the control of
3M, no waste code(s) for products after use will be provided. Please refer to the European Waste Code (EWC - 2000/532/EC
and amendments) to assign the correct waste code to your waste stream. Ensure national and/or regional regulations are
complied with and always use a licensed waste contractor.
EU waste code (product as sold)
08 04 09*
Waste adhesives and sealants containing organic solvents or other dangerous substances
20 01 27*
Paint, inks, adhesives and resins containing dangerous substances
SECTION 14: Transportation information
GS-2000-4405-4, GS-2000-4406-2, GS-2000-4407-0, GS-2000-4477-3,
GS-2000-4478-1, GS-2000-4496-3, GS-2000-4636-4, GS-2000-4637-2,
GS-2000-4695-0, GS-2000-4992-1, GS-2000-4993-9, GS-2000-4994-7,
GS-2000-4995-4, GS-2000-4996-2, GS-2000-5025-9, GS-2000-5309-7,
GS-2000-5331-1
Not hazardous for transportation
SECTION 15: Regulatory information


Similar Part No. - GS-2000-4406-2

ManufacturerPart #DatasheetDescription
logo
FCI connector
GS-20-094 FCI-CONNECTOR-GS-20-094 Datasheet
925Kb / 23P
   ZipLine Connector System
GS-20-129 FCI-CONNECTOR-GS-20-129 Datasheet
850Kb / 9P
   1mm SPACING FPC/FFC CONNECTOR DOCUMENT LIST
More results

Similar Description - GS-2000-4406-2

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
408-2648 TEC-408-2648 Datasheet
542Kb / 6P
   The care, amount of use, and handling of the dies.
logo
Shenzhen Huazhimei Semi...
HM9300 HMSEMI-HM9300 Datasheet
244Kb / 2P
   The package and pin of the chip
logo
PHOENIX CONTACT
2764975 PHOENIX-2764975 Datasheet
151Kb / 9P
   Date of manufacture and material and part identification embossed on the housing (recyclability)
logo
Linear Dimensions Semic...
DC2399 LINEAR_DIMENSIONS-DC2399 Datasheet
3Mb / 22P
   the starter kit for demonstrating the performance and ease of use of the LTC짰2984
logo
TE Connectivity Ltd
ENG_CD_0413-204-2005_- TEC-ENG_CD_0413-204-2005_- Datasheet
31Kb / 1P
   The Deutscgg Company
logo
SparkFun Electronics
BOK-11499 SPARKFUN-BOK-11499 Datasheet
122Kb / 2P
   Robotics: Discover the Science and Technology of the Future
6??1??7
logo
STMicroelectronics
AN2021 STMICROELECTRONICS-AN2021 Datasheet
880Kb / 39P
   The ST10F272B and ST10F272E are members of the STMicroelectronics
logo
List of Unclassifed Man...
88950303 ETC2-88950303 Datasheet
117Kb / 2P
   The LED continuously signals the presence of voltage at the output and, when flashing, triggering of the self-protection
logo
Zilog, Inc.
Z8ENCORE000ZAC ZILOG-Z8ENCORE000ZAC Datasheet
814Kb / 6P
   The voltage and current requirements of the Z8 Encore
logo
List of Unclassifed Man...
88950304 ETC2-88950304 Datasheet
117Kb / 2P
   The LED continuously signals the presence of voltage at the output and, when flashing, triggering of the self-protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com