Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PE7372-3 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part No. PE7372-3
Description  3 dB Fixed Attenuator, N Female To TNC Female Rated To 25 Watts Up To 18 GHz
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PASTERNACK [Pasternack Enterprises, Inc.]
Homepage  http://www.pasternack.com/
Logo 

PE7372-3 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
3 dB Fixed Attenuator, N Female To TNC Female Rated To 25 Watts Up To 18 GHz
Configuration
Design
Fixed, Bidirectional Attenuator
Connector 1
N Female
Connector 2
TNC Female
Body Material and Plating
Aluminum Heatsink, Black Anodized
Electrical Specifications
Frequency Range, GHz
DC to 18
Impedance, Ohms
50
Attenuation Value, dB
3 to 3
Maximum Input Power, Watts
25
Maximum VSWR
1.6:1
Frequency 1
Range, GHz
DC to 6
Insertion Loss, dB
3
VSWR
1.3:1
Attenuation Accuracy, dB
0.5
Maximum Input Power, Watts
25
Frequency 2
Range, GHz
6 to 12.4
VSWR
1.45:1
Attenuation Accuracy, dB
0.75
Frequency 3
Range, GHz
12.4 to 18
VSWR
1.6:1
Attenuation Accuracy, dB
1
Mechanical Specifications
Temperature
Operating Range, deg C
-55 to +125
Size
Length, in [mm]
4.5 [114.3]
Width, in [mm]
2.41 [61.21]
.
Weight, lbs [g]
0.8 [362.87]
3 dB Fixed Attenuator, N Female To TNC Female
Rated To 25 Watts Up To 18 GHz
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 3 dB Fixed Attenuator, N Female To TNC Female Rated To 25 Watts Up To 18 GHz PE7372-3
PE7372-3
PE7372-3 REV NC


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn