Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PE7372-3 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part No. PE7372-3
Description  3 dB Fixed Attenuator, N Female To TNC Female Rated To 25 Watts Up To 18 GHz
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PASTERNACK [Pasternack Enterprises, Inc.]
Homepage  http://www.pasternack.com/
Logo 

PE7372-3 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Connector 1
Type
N Female
Contact Material and Plating
Brass, Gold
Contact Plating Specification
Silver
Hex Size, In.
11/16
Body Material and Plating
Stainless Steel, Passivated
Body Plating Specification
Passivated
Connector 2
Type
TNC Female
Contact Material and Plating
Beryllium Copper, Gold
Outer Conductor Material and Plating
Stainless Steel, Passivated
Hex Size, In.
11/16
Body Material and Plating
Stainless Steel, Passivated
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL:
http://www.pasternack.com/3db-fixed-n-female-tnc-female-25-watts-attenuator-pe7372-3-p.aspx
3 dB Fixed Attenuator, N Female To TNC Female Rated To 25 Watts Up To 18 GHz from Pasternack Enterprises has same
day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability
and are part of the broadest selection in the industry.
3 dB Fixed Attenuator, N Female To TNC Female
Rated To 25 Watts Up To 18 GHz
PE7372-3
PE7372-3 REV NC


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn