Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74F323PC Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # 74F323PC
Description  Octal Universal Shift/Storage Register with Synchronous Reset and Common I/O Pins
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F323PC Datasheet(HTML) 4 Page - Fairchild Semiconductor

  74F323PC Datasheet HTML 1Page - Fairchild Semiconductor 74F323PC Datasheet HTML 2Page - Fairchild Semiconductor 74F323PC Datasheet HTML 3Page - Fairchild Semiconductor 74F323PC Datasheet HTML 4Page - Fairchild Semiconductor 74F323PC Datasheet HTML 5Page - Fairchild Semiconductor 74F323PC Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
AC Operating Requirements
Symbol
Parameter
TA = +25°CTA = 0°C to +70°C
Units
VCC = +5.0V
VCC = +5.0V
CL = 50 pF
CL = 50 pF
Min
Typ
Max
Min
Max
fMAX
Maximum Input Frequency
70
100
70
MHz
tPLH
Propagation Delay
4.0
7.0
8.0
4.0
8.5
ns
tPHL
CP to Q0 or Q7
4.5
6.5
8.0
4.5
8.5
tPLH
Propagation Delay
3.5
7.0
9.0
3.5
10.0
tPHL
CP to I/On
4.0
8.5
9.0
4.0
10.0
tPZH
Output Enable Time
3.5
6.0
8.0
3.5
9.0
ns
tPZL
4.0
7.0
10.0
4.0
11.0
tPHZ
Output Disable Time
2.0
4.5
6.0
2.0
7.0
tPLZ
1.0
4.0
5.5
1.0
6.5
tPZH
Output Enable Time
3.5
9.0
3.5
10.0
ns
tPZL
Sn to I/On
4.0
10.0
4.0
11.0
tPHZ
Output Disable Time
2.5
6.0
2.5
7.0
ns
tPLZ
Sn to I/On
1.0
5.5
1.5
6.5
Symbol
Parameter
TA = +25°CTA = 0°C to +70°C
Units
VCC = +5.0V
VCC = +5.0V
Min
Max
Min
Max
tS(H)
Setup Time, HIGH or LOW
8.5
8.5
ns
tS(L)
S0 or S1 to CP
8.5
8.5
tH(H)
Hold Time, HIGH or LOW
0
0
tH(L)
S0 or S1 to CP
0
0
tS(H)
Setup Time, HIGH or LOW
5.0
5.0
ns
tS(L)
I/On, DS0, DS7 to CP
5.0
5.0
tH(H)
Hold Time, HIGH or LOW
2.0
2.0
tH(L)
I/On, DS0, DS7 to CP
2.0
2.0
tS(H)
Setup Time, HIGH or LOW
10.0
10.0
ns
tS(L)
SR to CP
10.0
10.0
tH(H)
Hold Time, HIGH or LOW
0
0
tH(L)
SR to CP
00
tW(H)
CP Pulse Width
5.0
5.0
ns
tW(L)
HIGH or LOW
5.0
5.0


Similar Part No. - 74F323PC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F323 PHILIPS-74F323 Datasheet
73Kb / 7P
   8-bit universal shift/storage register with synchronous reset and common I/O pins 3-State
1990 Mar 01
More results

Similar Description - 74F323PC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DM54LS323 NSC-DM54LS323 Datasheet
152Kb / 8P
   8-Bit Universal Shift/Storage Register with Synchronous Reset and Common I/O Pins
54ACT323 NSC-54ACT323 Datasheet
197Kb / 8P
   8-Bit Universal Shift/Storage Register with Synchronous Reset and Common I/O Pins
logo
ON Semiconductor
MC74AC323 ONSEMI-MC74AC323 Datasheet
302Kb / 8P
   8-INPUT UNIVERSAL SHIFT/ STORAGE REGISTER WITH SYNCHRONOUS RESET AND COMMON I/O PINS
logo
National Semiconductor ...
54LS323 NSC-54LS323 Datasheet
124Kb / 5P
   8-BIT UNIVERSAL SHIFT/STORAGE REGISTER WITH SYNCHRONOUS RESET AND COMMON I/O PINS
logo
Fairchild Semiconductor
74ACT323 FAIRCHILD-74ACT323 Datasheet
55Kb / 6P
   8-Bit Universal Shift/Storage Register with Synchronous Reset and Common I/O Pins
logo
National Semiconductor ...
54F299DM NSC-54F299DM Datasheet
194Kb / 10P
   Octal Universal Shift/Storage Register with Common Parallel I/O Pins
logo
Fairchild Semiconductor
74F299 FAIRCHILD-74F299 Datasheet
70Kb / 6P
   Octal Universal Shift/Storage Register with Common Parallel I/O Pins
logo
NXP Semiconductors
74F323 PHILIPS-74F323 Datasheet
73Kb / 7P
   8-bit universal shift/storage register with synchronous reset and common I/O pins 3-State
1990 Mar 01
logo
ON Semiconductor
MC74ACT299 ONSEMI-MC74ACT299 Datasheet
117Kb / 12P
   8-Input Universal Shift/ Storage Register with Common Parallel I/O Pins
April, 2003 ??Rev. 6
logo
Motorola, Inc
MC74F299 MOTOROLA-MC74F299 Datasheet
172Kb / 5P
   8-INPUT UNIVERSAL SHIFT/STORAGE REGISTER WITH COMMON PARALLEL I/O PINS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com