Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74F350 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # 74F350
Description  4-Bit Shifter with 3-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F350 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  74F350 Datasheet HTML 1Page - Fairchild Semiconductor 74F350 Datasheet HTML 2Page - Fairchild Semiconductor 74F350 Datasheet HTML 3Page - Fairchild Semiconductor 74F350 Datasheet HTML 4Page - Fairchild Semiconductor 74F350 Datasheet HTML 5Page - Fairchild Semiconductor 74F350 Datasheet HTML 6Page - Fairchild Semiconductor 74F350 Datasheet HTML 7Page - Fairchild Semiconductor 74F350 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.fairchildsemi.com
2
Unit Loading/Fan Out
Functional Description
The 74F350 is operationally equivalent to a 4-input multi-
plexer with the inputs connected so that the select code
causes successive one-bit shifts of the data word. This
internal connection makes it possible to perform shifts of 0,
1, 2 or 3 places on words of any length.
A 4-bit data word is introduced at the In inputs and is
shifted according to the code applied to the select inputs
S0, S1. Outputs O0–O3 are 3-STATE, controlled by an
active LOW output enable (OE). When OE is LOW, data
outputs will follow selected data inputs; when HIGH, the
data outputs will be forced to the high impedance state.
This feature allows shifters to be cascaded on the same
output lines or to a common bus. The shift function can be
logical, with zeros pulled in at either or both ends of the
shifting field; arithmetic, where the sign bit is repeated dur-
ing a shift down; or end around, where the data word forms
a continuous loop.
Logic Equations
O0 = S0S1I0 + S0S1I−1 + S0S1I−2 + S0S1I−3
O1 = S0S1I1 + S0S1I0 + S0S1I−1 + S0S1I−2
O2 = S0S1I2 + S0S1I1 + S0S1I0 + S0S1I−1
O3 = S0S1I3 + S0S1I2 + S0S1I1 + S0S1I0
Logic Diagram
Please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays.
Pin Names
Description
U.L.
Input IIH/IIL
HIGH/LOW
Output IOH/IOL
S0, S1
Select Inputs
1.0/2.0
20
µA/−1.2 mA
I−3–I3
Data Inputs
1.0/2.0
20
µA/−1.2 mA
OE
Output Enable Input (Active LOW)
1.0/2.0
20
µA/−1.2 mA
O0–O3
3-STATE Outputs
150/40 (33.3)
−3 mA/24 mA (20 mA)


Similar Part No. - 74F350

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F350 PHILIPS-74F350 Datasheet
64Kb / 6P
   4-bit shifter
March 20, 1989
More results

Similar Description - 74F350

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74AC350 MOTOROLA-MC74AC350 Datasheet
232Kb / 9P
   4-BIT SHIFTER WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74F350 TI1-SN74F350 Datasheet
140Kb / 4P
[Old version datasheet]   4-BIT SHIFTER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD151015 HITACHI-HD151015 Datasheet
80Kb / 13P
   9 bit Level Shifter/Transceiver With 3 State Outputs
logo
Renesas Technology Corp
HD151015 RENESAS-HD151015_15 Datasheet
202Kb / 11P
   9 bit Level Shifter/Transceiver With 3 State Outputs
HD151015 RENESAS-HD151015 Datasheet
203Kb / 11P
   9 bit Level Shifter/Transceiver With 3 State Outputs
logo
Advanced Micro Devices
AM74S350 AMD-AM74S350 Datasheet
106Kb / 2P
   Four-Bit Shifter With Three-State Outputs
SN74S350 AMD-SN74S350 Datasheet
116Kb / 2P
   Four-Bit Shifter With Three-State Outputs
logo
Motorola, Inc
MC5474F569 MOTOROLA-MC5474F569 Datasheet
187Kb / 6P
   4-BIT BIDIRECTIONAL COUNTERS (WITH 3-STATE OUTPUTS)
SN54LS395 MOTOROLA-SN54LS395 Datasheet
196Kb / 6P
   4-BIT SHIFT REGISTER WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN54ALS561A TI-SN54ALS561A Datasheet
154Kb / 9P
[Old version datasheet]   SYNCHRONOUS 4-BIT COUNTERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com