Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FXMA2102L8X Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FXMA2102L8X
Description  Dual Supply, 2-Bit Voltage Translator / Buffer / Repeater / Isolator for I2C Applications
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FXMA2102L8X Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button FXMA2102L8X Datasheet HTML 4Page - Fairchild Semiconductor FXMA2102L8X Datasheet HTML 5Page - Fairchild Semiconductor FXMA2102L8X Datasheet HTML 6Page - Fairchild Semiconductor FXMA2102L8X Datasheet HTML 7Page - Fairchild Semiconductor FXMA2102L8X Datasheet HTML 8Page - Fairchild Semiconductor FXMA2102L8X Datasheet HTML 9Page - Fairchild Semiconductor FXMA2102L8X Datasheet HTML 10Page - Fairchild Semiconductor FXMA2102L8X Datasheet HTML 11Page - Fairchild Semiconductor FXMA2102L8X Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FXMA2102 • Rev. 1.0.5
8
I
2C-Bus® Isolation
The FXMA2102 supports I
2C-Bus isolation for the
following conditions:
Bus isolation if bus clear
Bus isolation if either V
CC goes to ground
Bus Clear
Because the I
2C specification defines the minimum SCL
frequency of DC, the SCL signal can be held LOW
forever; however, this condition shuts down the I
2C bus.
The I
2C specification refers to this condition as “Bus
Clear”. In Figure 7, if slave #2 holds down SCL forever,
the master and slave #1 are not able to communicate,
because the FXMA2102 passes the SCL stuck-LOW
condition from slave #2 to slave #1 as well as the
master. However, if the OE pin is pulled LOW
(disabled), both ports (A and B) are 3-stated. This
results in the FXMA2102 isolating slave #2 from the
master and slave #1, allowing full communication
between the master and slave #1.
Either VCC to GND
If slave #2 is a camera that is suddenly removed from
the I
2C bus, resulting in V
CCB transitioning from a valid
VCC (1.65 V – 5.5 V) to 0 V, the FXMA2102
automatically forces SCL and SDA on both its A and B
ports into 3-state. Once VCCB has reached 0V, full I
2C
communication between the master and slave #1
remains undisturbed.
Figure 7. Bus Isolation


Similar Part No. - FXMA2102L8X

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FXMA2102L8X ONSEMI-FXMA2102L8X Datasheet
483Kb / 17P
   Dual Supply, 2-Bit VoltageTranslator / Buffer Repeater
November-2018, Rev. 3
logo
Microchip Technology
FXMA2102L8X MICROCHIP-FXMA2102L8X Datasheet
1Mb / 45P
   Evaluation Board (ADM00805) User?셲 Guide
11/07/16
More results

Similar Description - FXMA2102L8X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FXMAR2102 FAIRCHILD-FXMAR2102 Datasheet
679Kb / 16P
   Dual-Supply, 2-Bit Voltage Translator / Isolator for I2C Applications
logo
Shenzhen Huazhimei Semi...
HM5302 HMSEMI-HM5302 Datasheet
1Mb / 16P
   Dual-Supply, 2-Bit Voltage Translator / Isolator for I2C Applications
logo
ON Semiconductor
FXMA2104 ONSEMI-FXMA2104 Datasheet
814Kb / 17P
   Dual-Supply, 4-Bit Voltage Translator / Buffer / Repeater / Isolator
July 2012 Rev. 1.0.1
logo
Fairchild Semiconductor
FXMA2104 FAIRCHILD-FXMA2104 Datasheet
1Mb / 15P
   Dual-Supply, 4-Bit Voltage Translator / Buffer / Repeater
logo
ON Semiconductor
FXMAR2102 ONSEMI-FXMAR2102 Datasheet
444Kb / 18P
   Dual-Supply, 2-Bit Voltage Translator / Isolator
July 2014 Rev. 1.0.3
logo
Shenzhen Huazhimei Semi...
HM5304T HMSEMI-HM5304T Datasheet
1Mb / 18P
   Dual-Supply, 4-Bit Voltage Translator / Isolator for
logo
ON Semiconductor
FXMAR2104 ONSEMI-FXMAR2104 Datasheet
793Kb / 17P
   Dual-Supply, 4-Bit Voltage Translator / Isolator
July 2012 Rev. 1.0.1
FXMA2102 ONSEMI-FXMA2102 Datasheet
483Kb / 17P
   Dual Supply, 2-Bit VoltageTranslator / Buffer Repeater
November-2018, Rev. 3
logo
Fairchild Semiconductor
FXMAR2104 FAIRCHILD-FXMAR2104 Datasheet
1Mb / 15P
   Dual-Supply, 4-Bit Voltage Translator / Isolator for Open-Drain
logo
ON Semiconductor
FXLA102 ONSEMI-FXLA102 Datasheet
623Kb / 17P
   Low-Voltage Dual-Supply 2-Bit Voltage Translator
October-2017, Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com