Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65165 Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS65165
Description  Compact LCD Bias IC With High Speed Amplifiers for TV and Monitor TFT-LCD Panels
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65165 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS65165_12 Datasheet HTML 6Page - Texas Instruments TPS65165_12 Datasheet HTML 7Page - Texas Instruments TPS65165_12 Datasheet HTML 8Page - Texas Instruments TPS65165_12 Datasheet HTML 9Page - Texas Instruments TPS65165_12 Datasheet HTML 10Page - Texas Instruments TPS65165_12 Datasheet HTML 11Page - Texas Instruments TPS65165_12 Datasheet HTML 12Page - Texas Instruments TPS65165_12 Datasheet HTML 13Page - Texas Instruments TPS65165_12 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
www.ti.com
I
– mA
OUT
V =15V
VGL =5V
S
0
10
20
30
40
50
60
70
80
90
100
–5.10
–5.05
–5.00
–4.95
–4.90
–4.85
–4.80
T
= –40°C
A
T
=25°C
T
=85°C
A
A
I
– mA
OUT
V =15V
VGH=24V
C
=2
1mF/35V
S
OUT
´
0
10
20
30
40
50
60
70
80
90
100
24.6
24.4
24.2
24.0
23.8
23.6
23.4
23.2
23.0
22.8
22.6
T
= –40°C
A
T
=25°C
T
=85°C
A
A
V
– V
IN
UnityGainBuffer
V =15V
S
20
15
10
5
0
–5
–10
–15
–20
I
= –80
OUT
I
= –50
I
= –20
I
= –10
I
=noload
I
=10
I
=20
I
=50
I
=80
OUT
OUT
OUT
OUT
OUT
OUT
OUT
OUT
0
1
2
3
4
5
6
7
8
9
10
11 12 13 14 15
V
– V
IN
UnityGainBuffer
V =15V
S
20
15
10
5
0
–5
–10
–15
–20
I
= –80
OUT
I
= –50
I
= –20
I
= –10
I
=noload
I
=10
I
=20
I
=50
I
=80
OUT
OUT
OUT
OUT
OUT
OUT
OUT
OUT
0
1
2
3
4
5
6
7
8
9
10
11 12 13 14 15
V
– V
IN
UnityGainBuffer
V =15V
S
20
15
10
5
0
–5
–10
–15
–20
I
= –80
OUT
I
= –50
I
= –20
I
= –10
I
=noload
I
=10
I
=20
I
=50
I
=80
OUT
OUT
OUT
OUT
OUT
OUT
OUT
OUT
0
1
2
3
4
5
6
7
8
9
10
11 12 13 14 15
TPS65165
SLVS723A – DECEMBER 2006 – REVISED MAY 2007
VGH
VGL vs LOAD CURRENT
vs LOAD CURRENT - DOUBLER STAGE
Figure 9.
Figure 10.
INPUT TO OUTPUT OFFSET VOLTAGE
INPUT TO OUTPUT OFFSET VOLTAGE
vs OPAMP 1 LOAD CURRENT
vs OPAMP 2 LOAD CURRENT
Figure 11.
Figure 12.
INPUT TO OUTPUT OFFSET VOLTAGE
vs OPAMP 3 LOAD CURRENT
Figure 13.
10
Submit Documentation Feedback


Similar Part No. - TPS65165_12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65165RSBR TI-TPS65165RSBR Datasheet
1Mb / 30P
[Old version datasheet]   Compact LCD Bias IC With High Speed Amplifiers for TV and Monitor TFT-LCD Panels
TPS65165RSBRG4 TI-TPS65165RSBRG4 Datasheet
1Mb / 30P
[Old version datasheet]   Compact LCD Bias IC With High Speed Amplifiers for TV and Monitor TFT-LCD Panels
TPS65165RSBT TI-TPS65165RSBT Datasheet
707Kb / 26P
[Old version datasheet]   Compact LCD Bias IC With High Speed Amplifiers for TV and Monitor TFT-LCD Panels
More results

Similar Description - TPS65165_12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65165 TI-TPS65165 Datasheet
707Kb / 26P
[Old version datasheet]   Compact LCD Bias IC With High Speed Amplifiers for TV and Monitor TFT-LCD Panels
TPS65165RSBR TI-TPS65165RSBR Datasheet
1Mb / 30P
[Old version datasheet]   Compact LCD Bias IC With High Speed Amplifiers for TV and Monitor TFT-LCD Panels
TPS65162 TI-TPS65162 Datasheet
1Mb / 36P
[Old version datasheet]   Compact LCD Bias IC With High Speed Amplifiers for TV-LCD Panels
TPS65167 TI-TPS65167_07 Datasheet
1Mb / 39P
[Old version datasheet]   Compact LCD Bias Supply for TFT-LCD TV Panels
TPS65166 TI1-TPS65166 Datasheet
3Mb / 41P
[Old version datasheet]   Compact LCD Bias Supply for TFT-LCD TV Panels
TPS65167 TI-TPS65167 Datasheet
1Mb / 37P
[Old version datasheet]   Compact LCD Bias Supply for TFT-LCD TV Panels
TPS65160 TI-TPS65160 Datasheet
730Kb / 28P
[Old version datasheet]   BIAS POWER SUPPLY FOR TV AND MONITOR TFT LCD PANELS
TPS65161 TI-TPS65161 Datasheet
1Mb / 28P
[Old version datasheet]   BIAS POWER SUPPLY FOR TV AND MONITOR TFT LCD PANELS
TPS65161 TI-TPS65161_08 Datasheet
809Kb / 31P
[Old version datasheet]   BIAS POWER SUPPLY FOR TV AND MONITOR TFT LCD PANELS
logo
Richtek Technology Corp...
RT6908 RICHTEK-RT6908 Datasheet
429Kb / 22P
   PMIC for TFT LCD TV Panels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com