Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FGD3N60UNDF Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FGD3N60UNDF
Description  Using advanced NPT IGBT technology, Fairchild짰?셲 the NPT vIGBTs offer the optimum performance for low-power inverterdriven applications where low-losses and short-circuit ruggedness features are essential.
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FGD3N60UNDF Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FGD3N60UNDF Datasheet HTML 1Page - Fairchild Semiconductor FGD3N60UNDF Datasheet HTML 2Page - Fairchild Semiconductor FGD3N60UNDF Datasheet HTML 3Page - Fairchild Semiconductor FGD3N60UNDF Datasheet HTML 4Page - Fairchild Semiconductor FGD3N60UNDF Datasheet HTML 5Page - Fairchild Semiconductor FGD3N60UNDF Datasheet HTML 6Page - Fairchild Semiconductor FGD3N60UNDF Datasheet HTML 7Page - Fairchild Semiconductor FGD3N60UNDF Datasheet HTML 8Page - Fairchild Semiconductor FGD3N60UNDF Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
©2012 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
FGD3N60UNDF Rev. C1
April 2013
Absolute Maximum Ratings
Notes:
1: Repetitive rating: Pulse width limited by max. junction temperature
Thermal Characteristics
Notes:
2: Mounted on 1” square PCB (FR4 or G-10 material)
Symbol
Description
Ratings
Unit
VCES
Collector to Emitter Voltage
600
V
VGES
Gate to Emitter Voltage
± 20
V
IC
Collector Current
@ TC = 25
oC
6
A
Collector Current
@ TC = 100
oC
3
A
ICM (1)
Pulsed Collector Current
@ TC = 25
oC
9
A
IF
Diode Forward Current
@ TC = 25
oC
3
A
PD
Maximum Power Dissipation
@ TC = 25
oC
60
W
Maximum Power Dissipation
@ TC = 100
oC
24
W
TJ
Operating Junction Temperature
-55 to +150
oC
Tstg
Storage Temperature Range
-55 to +150
oC
TL
Maximum Lead Temp. for soldering
Purposes, 1/8” from case for 5 seconds
300
oC
Symbol
Parameter
Typ.
Max.
Unit
RθJC(IGBT)
Thermal Resistance, Junction to Case
2.08
oC/W
RθJC(Diode)
Thermal Resistance, Junction to Case
5.0
oC/W
RθJA
Thermal Resistance, Junction to Ambient (PCB Mount)(2)
150
oC/W
E
Collector
JEDEC TO-252
D-Pak
Gate
Emitter
G
E
C
FGD3N60UNDF
600 V, 3 A
Short Circuit Rated IGBT
Features
• Short Circuit Rated 10us
• High Current Capability
• High Input Impedance
• Fast Switching
• RoHS Compliant
Applications
• Sewing Machine, CNC, Home Appliances, Motor Control
General Description
Using advanced NPT IGBT technology, Fairchild®’s the NPT
IGBTs offer the optimum performance for low-power inverter-
driven applications where low-losses and short-circuit rugged-
ness features are essential.


Similar Part No. - FGD3N60UNDF

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGD3N60LSD FAIRCHILD-FGD3N60LSD Datasheet
848Kb / 8P
   IGBT
FGD3N60LSD FAIRCHILD-FGD3N60LSD Datasheet
872Kb / 8P
   IGBT
FGD3N60LSDTF FAIRCHILD-FGD3N60LSDTF Datasheet
848Kb / 8P
   IGBT
FGD3N60LSDTM FAIRCHILD-FGD3N60LSDTM Datasheet
848Kb / 8P
   IGBT
FGD3N60LSDTM FAIRCHILD-FGD3N60LSDTM Datasheet
872Kb / 8P
   IGBT
More results

Similar Description - FGD3N60UNDF

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KGF40N60KDA KEC-KGF40N60KDA Datasheet
1Mb / 8P
   KEC Field Stop Trench IGBTs offer low switching losses, high energy efficiency and short circuit ruggedness.
KGF50N60KDA KEC-KGF50N60KDA Datasheet
1Mb / 8P
   KEC Field Stop Trench IGBTs offer low switching losses, high energy efficiency and short circuit ruggedness.
logo
Infineon Technologies A...
SIGC14T60SNC INFINEON-SIGC14T60SNC Datasheet
79Kb / 4P
   IGBT Chip in NPT-technology 600V NPT technology 100關m chip short circuit prove
28.11.2003
SIGC25T60SNC INFINEON-SIGC25T60SNC Datasheet
79Kb / 4P
   IGBT Chip in NPT-technology 600V NPT technology 100關m chip short circuit prove
Edition 2, 28.11.2003
logo
Shenzhen Huazhimei Semi...
HM20N120T HMSEMI-HM20N120T Datasheet
968Kb / 9P
   H&M NPT IGBTs offer lower losses and higher energy
logo
STMicroelectronics
AN2002 STMICROELECTRONICS-AN2002 Datasheet
919Kb / 8P
   Using the Demoboard for the TD350 Advanced IGBT Driver
logo
List of Unclassifed Man...
CX4C0 ETC2-CX4C0 Datasheet
71Kb / 2P
   Low loss coaxial cable offer an optimum attenuation performance in cable broadband communication networks where longer runs are required
logo
Infineon Technologies A...
SGP06N60 INFINEON-SGP06N60 Datasheet
396Kb / 12P
   Fast IGBT in NPT-technology
Jul-02
SIGC121T60NR2C INFINEON-SIGC121T60NR2C Datasheet
67Kb / 4P
   IGBT Chip in NPT-technology
Edition 2, 28.11.2003
SIGC42T170R2C INFINEON-SIGC42T170R2C Datasheet
71Kb / 4P
   IGBT Chip in NPT-technology
Edition 2, 04.09.2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com